전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCM1798DBR 데이터시트(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
부품명 PCM1798DBR
상세설명  24-BIT, 192-KHZ SAMPLING ADVANCED SEGMENT, AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

PCM1798DBR 데이터시트(HTML) 13 Page - Texas Instruments

Back Button PCM1798DBR Datasheet HTML 9Page - Texas Instruments PCM1798DBR Datasheet HTML 10Page - Texas Instruments PCM1798DBR Datasheet HTML 11Page - Texas Instruments PCM1798DBR Datasheet HTML 12Page - Texas Instruments PCM1798DBR Datasheet HTML 13Page - Texas Instruments PCM1798DBR Datasheet HTML 14Page - Texas Instruments PCM1798DBR Datasheet HTML 15Page - Texas Instruments PCM1798DBR Datasheet HTML 16Page - Texas Instruments PCM1798DBR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
PCM1798
SLES102 – DECEMBER 2003
www.ti.com
13
SYSTEM CLOCK AND RESET FUNCTIONS
System Clock Input
The PCM1798 requires a system clock for operating the digital interpolation filters and advanced segment DAC
modulators. The system clock is applied at the SCK input (pin 7). The PCM1798 has a system clock detection circuit
that automatically senses the frequency at which the system clock is operating. Table 1 shows examples of system
clock frequencies for common audio sampling rates.
Figure 18 shows the timing requirements for the system clock input. For optimal performance, it is important to use
a clock source with low phase jitter and noise. One of the Texas Instruments PLL1700 family of multiclock generators
is an excellent choice for providing the PCM1798 system clock.
Table 1. System Clock Rates for Common Audio Sampling Frequencies
SAMPLING FREQUENCY
SYSTEM CLOCK FREQUENCY (fSCK) (MHz)
SAMPLING FREQUENCY
128 fS
192 fS
256 fS
384 fS
512 fS
768 fS
32 kHz
4.096
6.144
8.192
12.288
16.384
24.576
44.1 kHz
5.6488
8.4672
11.2896
16.9344
22.5792
33.8688
48 kHz
6.144
9.216
12.288
18.432
24.576
36.864
96 kHz
12.288
18.432
24.576
36.864
49.152
73.728
192 kHz
24.576
36.864
49.152
73.728
–(1)
–(1)
(1) This system clock rate is not supported for the given sampling frequency.
t(SCKH)
t(SCY)
System Clock (SCK)
t(SCKL)
2 V
0.8 V
H
L
PARAMETERS
MIN
MAX
UNITS
t(SCY)
System clock pulse cycle time
13
ns
t(SCKH) System clock pulse duration, HIGH
0.4t(SCY)
ns
t(SCKL) System clock pulse duration, LOW
0.4t(SCY)
ns
Figure 18. System Clock Input Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com