전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCM1798DBR 데이터시트(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
부품명 PCM1798DBR
상세설명  24-BIT, 192-KHZ SAMPLING ADVANCED SEGMENT, AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

PCM1798DBR 데이터시트(HTML) 21 Page - Texas Instruments

Back Button PCM1798DBR Datasheet HTML 17Page - Texas Instruments PCM1798DBR Datasheet HTML 18Page - Texas Instruments PCM1798DBR Datasheet HTML 19Page - Texas Instruments PCM1798DBR Datasheet HTML 20Page - Texas Instruments PCM1798DBR Datasheet HTML 21Page - Texas Instruments PCM1798DBR Datasheet HTML 22Page - Texas Instruments PCM1798DBR Datasheet HTML 23Page - Texas Instruments PCM1798DBR Datasheet HTML 24Page - Texas Instruments PCM1798DBR Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
PCM1798
SLES102 – DECEMBER 2003
www.ti.com
21
APPLICATION FOR EXTERNAL DIGITAL FILTER INTERFACE
DATA
24
23
22
21
20
19
18
17
16
15
5
6
7
8
9
10
11
12
13
14
PCM1798
BCK
SCK
DGND
VDD
MUTE
FMT0
FMT1
ZERO
RST
AGND2
IOUTR–
VCC1
VCOML
VCOMR
IREF
IOUTR+
AGND3R
AGND1
MONO
1
2
3
4
CHSL
DEM
LRCK
28
27
26
25
VCC2L
AGND3L
IOUTL–
IOUTL+
VCC2R
DATA
Analog
Output Stage
(See Figure 23)
WDCK
BCK
SCK
External
Filter
Device
VDD
Figure 26. Connection Diagram for External DIgital Filter (Internal DF Bypass Mode) Application
Application for Interfacing With an External Digital Filter
For some applications, it may be desirable to use a programmable digital signal processor as an external digital filter
to perform the interpolation function. The following pin settings enable the external digital filter application mode.
D MONO (pin 1) = LOW
D CHSL (Pin 2) = HIGH
D FMT0 (Pin 11) = HIGH
D FMT1 (pin 12) = HIGH
The pins used to provide the serial interface for the external digital filter are shown in the connection diagram of
Figure 26. The word clock (WDCK) must be operated at 8
× or 4× the desired sampling frequency, fS.
Pin Assignment When Using the External Digital Filter Interface
D LRCK (pin 4): WDCK as word clock input
D DATA (pin 5): Monaural audio data input
D BCK (pin 6): Bit clock input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com