전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCM1798DBR 데이터시트(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
부품명 PCM1798DBR
상세설명  24-BIT, 192-KHZ SAMPLING ADVANCED SEGMENT, AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

PCM1798DBR 데이터시트(HTML) 15 Page - Texas Instruments

Back Button PCM1798DBR Datasheet HTML 11Page - Texas Instruments PCM1798DBR Datasheet HTML 12Page - Texas Instruments PCM1798DBR Datasheet HTML 13Page - Texas Instruments PCM1798DBR Datasheet HTML 14Page - Texas Instruments PCM1798DBR Datasheet HTML 15Page - Texas Instruments PCM1798DBR Datasheet HTML 16Page - Texas Instruments PCM1798DBR Datasheet HTML 17Page - Texas Instruments PCM1798DBR Datasheet HTML 18Page - Texas Instruments PCM1798DBR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
PCM1798
SLES102 – DECEMBER 2003
www.ti.com
15
AUDIO DATA INTERFACE
Audio Serial Interface
The audio interface port is a 3-wire serial port. It includes LRCK (pin 4), BCK (pin 6), and DATA (pin 5). BCK is the
serial audio bit clock, and it is used to clock the serial data present on DATA into the serial shift register of the audio
interface. Serial data is clocked into the PCM1798 on the rising edge of BCK. LRCK is the serial audio left/right word
clock.
The PCM1798 requires the synchronization of LRCK and the system clock, but does not need a specific phase
relation between LRCK and the system clock.
If the relationship between LRCK and the system clock changes more than
±6 BCK, internal operation is initialized
within 1/fS and the analog outputs are forced to the bipolar zero level until resynchronization between LRCK and the
system clock is completed.
PCM Audio Data Formats and Timing
The PCM1798 supports industry-standard audio data formats, including standard right-justified, I2S, and
left-justified. The data formats are shown in Figure 22. Data formats are selected using FMT0 (pin 11) and FMT1
(pin 12) as shown in Table 2. All formats require binary twos-complement, MSB-first audio data. Figure 21 shows
a detailed timing diagram for the serial audio interface.
DATA
t(BCH)
1.4 V
BCK
LRCK
t(BCL)
t(LB)
t(BCY)
t(DS)
t(DH)
1.4 V
1.4 V
t(BL)
PARAMETERS
MIN
MAX
UNITS
t(BCY)
BCK pulse cycle time
70
ns
t(BCL)
BCK pulse duration, LOW
30
ns
t(BCH)
BCK pulse duration, HIGH
30
ns
t(BL)
BCK rising edge to LRCK edge
10
ns
t(LB)
LRCK edge to BCK rising edge
10
ns
t(DS)
DATA setup time
10
ns
t(DH)
DATA hold time
10
ns
—
LRCK clock data
50%
± 2 bit clocks
Figure 21. Timing of Audio Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com