| 전자부품 데이터시트 검색엔진 |
|
PCF8575CDGVR 데이터시트(PDF) 17 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
PCF8575CDGVR 데이터시트(HTML) 17 Page - Texas Instruments |
|
17 / 38 page ![]() A1 A0 SDA SCL INT GND P06 P00 P01 P02 P03 P04 P05 P07 INT GND VCC VCC VCC 10 k (1) 10 k (1) 10 k 2 k 100 k (x 3) Master Controller PCF8575C INT RESET Subsystem 2 (e.g., counter) Subsystem 3 (e.g., alarm system) ALARM Controlled Device (e.g., CBT device) ENABLE A B VCC Subsystem 1 (e.g., temperature sensor) SDA SCL 23 22 24 1 3 2 21 12 11 10 9 8 7 6 5 4 A2 P10 13 P11 14 P12 15 P13 16 P14 17 P15 18 P16 19 P17 20 PCF8575C www.ti.com SCPS123F – MARCH 2005 – REVISED JANUARY 2015 9 Application and Implementation NOTE Information in the following applications sections is not part of the TI component specification, and TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining suitability of components for their purposes. Customers should validate and test their design implementation to confirm system functionality. 9.1 Application Information Figure 15 shows an application in which the PCF8575C can be used. 9.2 Typical Application (1) The SCL and SDA pins must be tied directly to VCC because if SCL and SDA are tied to an auxiliary power supply that could be powered on while VCC is powered off, then the supply current, ICC, will increase as a result. A. Device address is configured as 0100000 for this example. B. P0, P2, and P3 are configured as outputs. C. P1, P4, and P5 are configured as inputs. D. P6 and P7 are not used and must be configured as outputs. Figure 15. Application Schematic Copyright © 2005–2015, Texas Instruments Incorporated Submit Documentation Feedback 17 Product Folder Links: PCF8575C |