전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LP5560TMX/NOPB 데이터시트(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
부품명 LP5560TMX/NOPB
상세설명  LP5560 Programmable LED Driver With Single-Wire Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LP5560TMX/NOPB 데이터시트(HTML) 19 Page - Texas Instruments

Back Button LP5560TMX/NOPB Datasheet HTML 15Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 16Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 17Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 18Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 19Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 20Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 21Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 22Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
LP5560
CTRL
VDD
LED
VIN = 2.7 V to 5.5 V
GND
A1
CTRL
B2
B1
A2
ILED = 2.8 mA to 19.5 mA
Copyright © 2016, Texas Instruments Incorporated
19
LP5560
www.ti.com
SNVS873D – AUGUST 2012 – REVISED JUNE 2016
Product Folder Links: LP5560
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LP5560 is a programmable LED driver designed to generate variety of blinking sequences for indicator
LEDs. It can drive single LED with up to 19.5 mA output current. Very low headroom voltage allows driving most
indicator LEDs straight from a single Li-ion battery. Default blinking sequence with one pulse is programmed into
the LP5560 to enable the use of device in simple systems without programming capabilities. Pulling CTRL signal
high starts the default blinking sequence. Different blinking sequences with up to three pulses can be
programmed into the LP5560 through a single-wire interface. Programmable parameters include on and off times
as well as rise and fall times.
8.2 Typical Application
Figure 18. LP5560 Typical Application
8.2.1 Design Requirements
In this example LP5560 is used to drive a blue 0406-size indicator LED with a 5.3-mA output current. For this
example, use the parameters listed in Table 7.
Table 7. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
LED Output Current
5.3 mA
Maximum LED forward voltage at 5 mA
3.1 V
VIN voltage
from 3.2 V to 5.5 V
8.2.2 Detailed Design Procedure
8.2.2.1 Step-by-Step Design Procedure
To design in the LP5560 use the following simple design steps:
•
Define the input voltage range of the system. For the LP5560 device the maximum input voltage must not
exceed 5.5 V. The minimum input voltage is critical parameter for LED selection.
•
Define the LED current. LED current affects the LED forward voltage and must be taken into account when
selecting the LED for the application.
•
Choose a LED which maximum forward voltage with desired LED current is less than minimum input voltage -
100 mV. This ensures that there is always enough headroom voltage available for the LED driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com