전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LP5560TMX/NOPB 데이터시트(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
부품명 LP5560TMX/NOPB
상세설명  LP5560 Programmable LED Driver With Single-Wire Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LP5560TMX/NOPB 데이터시트(HTML) 20 Page - Texas Instruments

Back Button LP5560TMX/NOPB Datasheet HTML 16Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 17Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 18Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 19Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 20Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 21Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 22Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 23Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
20
LP5560
SNVS873D – AUGUST 2012 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LP5560
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
8.2.2.2 Running the Default Blinking Sequence
To run the default blinking sequence apply input voltage to VDD pin. Allow the VDD voltage settle before pulling
the CTRL pin high. It is not recommended to connect the CTRL and VDD lines together. When CTRL line is
pulled high the LP5560 starts to generate the default blinking sequence. Figure 19 shows the LP5560 generating
default sequence. Rise and fall times are generated using a combined PWM and current control. Ramp has 32
PWM steps. For the first 8 steps LED current is decreased to 12.5%. For the remaining steps current is set to
100%. Each step is 3.3 ms long. This result’s the minimum ramp time of 3.3 ms × 32 = 105.6 ms. Figure 22
shows LED current with minimum rise time. When ramp time is increased each PWM step is done multiple times.
In the default sequence rise and fall times are set to 528 ms.
8.2.2.3 Programming New Blinking Sequence to the Memory
Figure 22 shows an example of a training sequence which programs a new blinking sequence into the LP5560
memory. This example has a single pulse with 105.6 ms rise time, 105.6 ms on time, 105.6 ms fall time and
211.2 ms off time. LED current is set to 5.3 mA. Training sequence is started by giving a training start command
(two rising edges within 500 µs). First pulse after a training start command is the calibration pulse which
determines the speed of the training sequence. Note that there must always be at least 1500 µs from the first
rising edge of the training start command before calibration pulse can be given. Second pulse after the
calibration pulse is the LED current setting. Note that there are empty low times before and after current setting
pulse. For the following pulses both CTRL high and CTRL low times are used to set the parameters. Next CTRL
high time defines LED current rise time setting for pulse 1 (R1). CTRL low time after R1 defines the LED on time
for pulse 1 (ON1). CTRL high time after ON1 sets the LED current fall time (F1). CTRL low time after F1 sets
pulse 1 off time (OFF1). The training sequence is finished with a training stop command (three rising edges
within 500 µs). Figure 23 show the LED current after programming the new pulse into the LP5560 memory.
Figure 24 and Figure 25 show another example of a training sequence with three pulses and the resulting
blinking sequence. In this example all three pulses have different rise, on, fall, and off times. LED current is set to
10.2 mA. Figure 26 show how this sequence is run only once using the run-once command. Even though the
CTRL is held high for a long time the blinking sequence is only executed one time because a run-once command
(four rising edges within 500 µs) is given at the beginning of the frame.
8.2.3 Application Curves
Figure 19. Default Blinking Sequence
Figure 20. LED Rise Time Set to 105.6 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com