전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LP5560TMX/NOPB 데이터시트(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
부품명 LP5560TMX/NOPB
상세설명  LP5560 Programmable LED Driver With Single-Wire Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LP5560TMX/NOPB 데이터시트(HTML) 14 Page - Texas Instruments

Back Button LP5560TMX/NOPB Datasheet HTML 10Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 11Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 12Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 13Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 14Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 15Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 16Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 17Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
14
LP5560
SNVS873D – AUGUST 2012 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LP5560
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
7.3.5 Rise and Fall Time Settings
Rise and fall times of each pulse can be programmed independently. Rise and fall time can be set from 0 to
1584 ms with 105.6 ms steps. Rise and fall times are generated using a combined PWM and current control.
Ramp has 32 PWM steps. For the first 8 steps LED current is decreased to 12.5%. For the remaining steps
current is set to 100%. Each step is 3.3 ms long. This results in the minimum ramp time of 3.3 ms × 32 = 105.6
ms. When ramp time is increased each PWM step is done multiple times. When setting rise and fall times they
are always rounded down. For example if calibration pulse length is 1 ms and rise time setting pulse is 2.9 ms
rise time is set to 2 which is 211.2 ms. Rise and fall times can be set to zero by giving pulse that is shorter than
calibration pulse.
Table 3. Rise and Fall Time Settings
RAMP SETTING
RAMP TIME (ms)
0
0
1
105.6
2
211.2
3
316.8
4
422.4
5
528 default
6
633.6
7
739.2
8
844.8
9
950.4
10
1056
11
1161.6
12
1267.2
13
1372.8
14
1478.4
15
1584



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com