전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LP8501TMX/NOPB 데이터시트(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
부품명 LP8501TMX/NOPB
상세설명  LP8501 Multi-Purpose 9-Output LED Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LP8501TMX/NOPB 데이터시트(HTML) 20 Page - Texas Instruments

Back Button LP8501TMX/NOPB Datasheet HTML 16Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 17Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 18Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 19Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 20Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 21Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 22Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 23Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
LP8501
SNVS548D – SEPTEMBER 2008 – REVISED AUGUST 2013
www.ti.com
–
Write 03h (0000 0011b) to register 5Fh (select LED output 3for engine 2LSB, output selection part).
–
Write 40h (0100 0000b) to register 60h (set PWM value to full FFh MSB, instruction part).
–
Write FFh (1111 1111b) to register 61h (set PWM value to full FFh LSB, PWM value part).
–
Write 7Eh (0111 1110b) to register 62h (wait for 0.48s (maximum) MSB, instruction part).
–
Write 00h (0000 0000b) to register 63h (wait for 0.48s LSB).
–
Write 40h (0100 0000b) to register 64h (set PWM value to zero MSB, instruction part).
–
Write 00h (0000 0000b) to register 65h (set PWM value to zero LSB, PWM value part).
–
Write 7Eh (0111 1110b) to register 66h (wait for 0.48s MSB, instruction part).
–
Write 00h (0000 0000b) to register 67h (wait for 0.48s LSB).
–
Write A2h (1010 0010b) to register 68h (branch instruction with loop count 4 MSB, instruction part).
–
Write 01h (0000 0001b) to register 69h (branch instruction with loop count 4 LSB sets program counter
value to '1', i.e., program continues execution in this case from setting PWM value).
–
Write C0h (1100 0000b) to register 6Ah (end instruction MSB, instruction part).
–
Write 00h (0000 0000b) to register 6Bh (end instruction LSB).
Set start address
–
Write 00h (0000 0000b) to register 4Ch (set engine 1 start address to 0).
–
Write 07h (0000 0111b) to register 4Dh (set engine 2 start address to 7, 7th 16–bit write, 15th I2C write).
–
Optional: Write 00h (0000 0000b) to register 37h (set program counter of engine 1 to 0).
–
Optional: Write 00h (0000 0000b) to register 38h (set program counter of engine 2 to 0).
Enable powersave, set charge pump to auto mode and select external clock:
–
Write 38h (0011 1000b) to register 36h.
Run program:
–
Write 28h (0010 1000b) to register 01h (set engines 1 and 2 to Run mode).
–
Write 68h (0110 1000b) to register 00h (set program execution from Hold to Run and keep device
enabled).
LP8501 will now generate five 0.48 second long blinks to LED outputs 1 and 3.
3. Group Fader ControlStart up the device:
–
Supply, e.g., 3.6V to VDD.
–
Supply, e.g., 1.8V to EN.
–
Write 40h (0100 0000b) to address 00h (enable the device).
–
Wait 500 µs (startup delay).
Check LED powering
–
Suppose LED outputs from 1 to 9 are connected to VOUT.
–
Write 03h (0000 0011b) to address 05h (VDD1_6 and VDD7_9 powered from VOUT.
Enable charge pump 1.5x mode and use internal clock:
–
Write 11h (0001 0001b) to register 36h.
Select LED outputs 1, 3 and 7 to Fader Group 1:
–
Write 40h (0100 0000b) to address 06h (LED output 1 to group 1).
–
Write 40h (0100 0000b) to address 08h (LED output 3 to group 1).
–
Write 40h (0100 0000b) to address 0Ch (LED output 7 to group 1).
Set group 1 fader times:
–
Write CFh (1100 1111b) to register 02h (group 1 Fade IN time to 1.5 s and Fade OUT time to 4s).
Set group PWM value:
–
Write FFh (1111 1111b) to register 48h (group 1 PWM duty cycle to 100%, all three LED outputs fades
on in 1.5s)
20
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LP8501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com