전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LP8501TMX/NOPB 데이터시트(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
부품명 LP8501TMX/NOPB
상세설명  LP8501 Multi-Purpose 9-Output LED Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LP8501TMX/NOPB 데이터시트(HTML) 27 Page - Texas Instruments

Back Button LP8501TMX/NOPB Datasheet HTML 23Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 24Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 25Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 26Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 27Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 28Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 29Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 30Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 51 page
background image
Input
Buffer
Level
Shifter
Level
Shifter
SDA
SCL
VDD
EN
LP8501
www.ti.com
SNVS548D – SEPTEMBER 2008 – REVISED AUGUST 2013
IO LEVELS
I2C interface, CLK and TRIG pin input levels are defined by the EN pin. Using the EN pin as voltage reference for
logic inputs simplifies PWR routing and eliminates the need for a dedicated VIO pin. In the following block
diagram EN pin connections are illustrated.
Figure 24. Using EN Pin As Digital IO Voltage Reference
GPO/INT Pins
The LP8501 has one General Purpose Output pin (GPO); the INT pin also can be configured as a GPO pin. The
GPO pin level is defined by VDD voltage. It also has its own PWM control register. GPO can be configured into
fader groups, and it can be used in LED engine programming. When INT is configured as GPO, its level is
defined by the VDD. State of the pins can be controlled with GPO register (3Bh). GPO pins are digital CMOS
outputs, and no pull-up/down resistors are needed.
When the INT pin GPO function is disabled, it operates as an open drain pin. The INT signal is active low, i.e.,
when interrupt signal is sent, the pin is pulled to GND. External pull-up resistor is needed for proper functionality.
Table 4. GPO register (3Bh)
Name
Bit
Description
INT_CONF
2
Enable INT pin GPO function
0 = INT pin functions as a INT pin
1 = INT pin functions as a GPO pin
GPO
1
0 = GPO pin state is low
1 = GPO pin state is high
GPO_INT
0
0 = INT pin state is low (INT_CONF=1)
1 = INT pin state is high (INT_CONF=0)
TRIG Pin
The TRIG pin can function as an external trigger input or output. The external trigger signal is active low if, when
trigger is sent/received, the pin is pulled to GND. TRIG is an open drain pin, and an external pull-up resistor is
needed for trigger line. The external trigger input signal must be at least two 32 kHz clock cycles long to be
recognized. Trigger output signal is three 32 kHz clock cycles long. If TRIG pin is not used on application, it
should be connected to GND to prevent floating of this pin and extra current consumption.
CLK Pin
The CLK pin is used for connecting an external 32 kHz clock to the LP8501. Using an external clock can improve
automatic power-save mode efficiency because the internal clock can be switched off automatically when the
device has entered powersave mode with an external clock present. The device can be used without the external
clock. If an external clock is not used on the application, the CLK pin should be connected to GND to prevent
floating of this pin and extra current consumption.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: LP8501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com