전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UCD3138128APFC 데이터시트(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
부품명 UCD3138128APFC
상세설명  UCD3138128A Highly-Integrated Digital Controller For Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138128APFC 데이터시트(HTML) 19 Page - Texas Instruments

Back Button UCD3138128APFC Datasheet HTML 15Page - Texas Instruments UCD3138128APFC Datasheet HTML 16Page - Texas Instruments UCD3138128APFC Datasheet HTML 17Page - Texas Instruments UCD3138128APFC Datasheet HTML 18Page - Texas Instruments UCD3138128APFC Datasheet HTML 19Page - Texas Instruments UCD3138128APFC Datasheet HTML 20Page - Texas Instruments UCD3138128APFC Datasheet HTML 21Page - Texas Instruments UCD3138128APFC Datasheet HTML 22Page - Texas Instruments UCD3138128APFC Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 83 page
background image
0.00
1.00
2.00
3.00
4.00
5.00
6.00
DPWM
ADC12
Front-end Peak Current
Mode
Timer
Filter
Constant
Power/Constant
Current
SPI
DTC
Module
Control
I2C
GIO
RTC
5.31
0.02
2.50
0.21
0.35
0.36
0.12
0.33
0.20
0.07
0.05
0.52
19
UCD3138128A
www.ti.com
SLUSC99 – JULY 2016
Product Folder Links: UCD3138128A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
tPOR –
The time delay from when VGH is exceeded to when the device comes out of reset.
Brown
Out –
This is the V33A voltage threshold at which the device sets the brown out status bit. In addition an
interrupt can be triggered if enabled.
8.1 Typical Clock Gating Power Savings
The CLKGATECTRL register provides control bits that can enable or disable the clock to several peripherals
such as, PCM, CPCC, digital filters, front ends, DPWMs, UARTs, ADC-12 and more.
By default, all these controls are enabled. If a specific peripheral is not used the clock gate can be disabled in
order to block the propagation of the clock signal to that peripheral and therefore reduce the overall current
consumption of the device. The power savings chart displays the power savings per module. For example there
are 4 DPWM modules, therefore, if all 4 are disabled a total of ~20 mA can be saved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com