전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP2200T-I/SS 데이터시트(PDF) 23 Page - Microchip Technology

부품명 MCP2200T-I/SS
상세설명  USB 2.0 to UART Protocol Converter with GPIO
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2200T-I/SS 데이터시트(HTML) 23 Page - Microchip Technology

Back Button MCP2200T-I/SS Datasheet HTML 19Page - Microchip Technology MCP2200T-I/SS Datasheet HTML 20Page - Microchip Technology MCP2200T-I/SS Datasheet HTML 21Page - Microchip Technology MCP2200T-I/SS Datasheet HTML 22Page - Microchip Technology MCP2200T-I/SS Datasheet HTML 23Page - Microchip Technology MCP2200T-I/SS Datasheet HTML 24Page - Microchip Technology MCP2200T-I/SS Datasheet HTML 25Page - Microchip Technology MCP2200T-I/SS Datasheet HTML 26Page - Microchip Technology MCP2200T-I/SS Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
 2011-2015 Microchip Technology Inc.
DS20002228C-page 23
MCP2200
2.3.1.25
WritePort
Function:
bool SimpleIOClass::WritePort(unsigned int portValue)
EXAMPLE 2-25:
Summary:
Writes a value to the GPIO port.
Description:
Writes the GPIO port. This provides a means to write all pins simultaneously, instead of one-by-one.
Precondition:
Must be previously configured as an output via a ConfigureIO call. VID and PID must be previously
set via a call to InitMCP2200(VID, PID).
Parameters:
portValue
- byte value to set on the port.
Returns:
This function returns True if the transmission is successful and returns False if the transmission fails.
Remarks:
None.
if (SimpleIOClass::WritePort (0x5A))
{
lblStatusBar->Text = “Success”;
}
else
lblStatusBar->Text = “Invalid command ” +
SimpleIOClass::LastError;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44