| 전자부품 데이터시트 검색엔진 |
|
TMS570LS3134 데이터시트(PDF) 69 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS570LS3134 데이터시트(HTML) 69 Page - Texas Instruments |
|
69 / 167 page ![]() TMS570LS3134, TMS570LS2134, TMS570LS2124 www.ti.com SPNS165B – APRIL 2012 – REVISED MAY 2015 6.8 Glitch Filters A glitch filter is present on the following signals. Table 6-19. Glitch Filter Timing Specifications PIN PARAMETER MIN MAX UNIT Filter time nPORRST pin; nPORRST tf(nPORRST) 475 2000 ns pulses less than MIN will be filtered out, pulses greater than MAX will generate a reset(1) Filter time nRST pin; nRST tf(nRST) 475 2000 ns pulses less than MIN will be filtered out, pulses greater than MAX will generate a reset Filter time TEST pin; TEST tf(TEST) 475 2000 ns pulses less than MIN will be filtered out, pulses greater than MAX will pass through (1) The glitch filter design on the nPORRST signal is designed such that no size pulse will reset any part of the microcontroller (flash pump, I/O pins, and so forth) without also generating a valid reset signal to the CPU. Copyright © 2012–2015, Texas Instruments Incorporated System Information and Electrical Specifications 69 Submit Documentation Feedback |