전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMS570LS3134 데이터시트(PDF) 93 Page - Texas Instruments

Click here to check the latest version.
부품명 TMS570LS3134
상세설명  TMS570LS31x4/21x4 16- and 32-Bit RISC Flash Microcontroller
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS3134 데이터시트(HTML) 93 Page - Texas Instruments

Back Button TMS570LS3134 Datasheet HTML 89Page - Texas Instruments TMS570LS3134 Datasheet HTML 90Page - Texas Instruments TMS570LS3134 Datasheet HTML 91Page - Texas Instruments TMS570LS3134 Datasheet HTML 92Page - Texas Instruments TMS570LS3134 Datasheet HTML 93Page - Texas Instruments TMS570LS3134 Datasheet HTML 94Page - Texas Instruments TMS570LS3134 Datasheet HTML 95Page - Texas Instruments TMS570LS3134 Datasheet HTML 96Page - Texas Instruments TMS570LS3134 Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 167 page
background image
TMS570LS3134, TMS570LS2134, TMS570LS2124
www.ti.com
SPNS165B – APRIL 2012 – REVISED MAY 2015
Table 6-31. Interrupt Request Assignments (continued)
DEFAULT VIM
MODULES
INTERRUPT SOURCES
INTERRUPT CHANNEL
MIBSPI1
MIBSPI1 level 1 interrupt
26
LIN
LIN level 1 interrupt
27
MIBADC1
MIBADC1 sw group 2 interrupt
28
DCAN1
DCAN1 level 1 interrupt
29
SPI2
SPI2 level 1 interrupt
30
MIBADC1
MIBADC1 magnitude compare interrupt
31
Reserved
Reserved
32
DMA
FTCA interrupt
33
DMA
LFSA interrupt
34
DCAN2
DCAN2 level 0 interrupt
35
DMM
DMM level 0 interrupt
36
MIBSPI3
MIBSPI3 level 0 interrupt
37
MIBSPI3
MIBSPI3 level 1 interrupt
38
DMA
HBCA interrupt
39
DMA
BTCA interrupt
40
EMIF
AEMIFINT3
41
DCAN2
DCAN2 level 1 interrupt
42
DMM
DMM level 1 interrupt
43
DCAN1
DCAN1 IF3 interrupt
44
DCAN3
DCAN3 level 0 interrupt
45
DCAN2
DCAN2 IF3 interrupt
46
FPU
"OR" of the six Cortex R4F FPU Exceptions
47
Reserved
Reserved
48
SPI4
SPI4 level 0 interrupt
49
MIBADC2
MibADC2 event group interrupt
50
MIBADC2
MibADC2 sw group1 interrupt
51
Reserved
Reserved
52
MIBSPI5
MIBSPI5 level 0 interrupt
53
SPI4
SPI4 level 1 interrupt
54
DCAN3
DCAN3 level 1 interrupt
55
MIBSPI5
MIBSPI5 level 1 interrupt
56
MIBADC2
MibADC2 sw group2 interrupt
57
Reserved
Reserved
58
MIBADC2
MibADC2 magnitude compare interrupt
59
DCAN3
DCAN3 IF3 interrupt
60
FMC
FSM_DONE interrupt
61
Reserved
Reserved
62
N2HET2
N2HET2 level 0 interrupt
63
SCI
SCI level 0 interrupt
64
HTU2
HTU2 level 0 interrupt
65
I2C
I2C level 0 interrupt
66
Reserved
Reserved
67-72
N2HET2
N2HET2 level 1 interrupt
73
SCI
SCI level 1 interrupt
74
HTU2
HTU2 level 1 interrupt
75
Reserved
Reserved
76-79
HWAG1
HWA_INT_REQ_H
80
Copyright © 2012–2015, Texas Instruments Incorporated
System Information and Electrical Specifications
93
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More