전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GD25Q32C 데이터시트(PDF) 38 Page - ELM Electronics

부품명 GD25Q32C
상세설명  32M-bit Serial Flash
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ELM [ELM Electronics]
홈페이지  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q32C 데이터시트(HTML) 38 Page - ELM Electronics

Back Button GD25Q32C Datasheet HTML 34Page - ELM Electronics GD25Q32C Datasheet HTML 35Page - ELM Electronics GD25Q32C Datasheet HTML 36Page - ELM Electronics GD25Q32C Datasheet HTML 37Page - ELM Electronics GD25Q32C Datasheet HTML 38Page - ELM Electronics GD25Q32C Datasheet HTML 39Page - ELM Electronics GD25Q32C Datasheet HTML 40Page - ELM Electronics GD25Q32C Datasheet HTML 41Page - ELM Electronics GD25Q32C Datasheet HTML 42Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 50 page
background image
38
Rev.1.0
50 -
http://www.elm-tech.com
GD25Q32CxIGx 3.3V Uniform Sector Dual and Quad Serial Flash
7.34. Read Serial Flash Discoverable Parameter (5AH)
The Serial Flash Discoverable Parameter (SFDP) standard provides a consistent method of describing the
functional and feature capabilities of serial flash devices in a standard set of internal parameter tables. These
parameter tables can be interrogated by host system software to enable adjustments needed to accommodate
divergent features from multiple vendors. The concept is similar to the one found in the Introduction of JEDEC
Standard, JESD68 on CFI. SFDP is a standard of JEDEC Standard No.216.
7.33. Enable Reset (66H) and Reset (99H)
If the Reset command is accepted, any on-going internal operation will be terminated and the device will
return to its default power-on state and lose all the current volatile settings, such as Volatile Status Register bits,
Write Enable Latch status (WEL), Program/Erase Suspend status, Read Parameter setting (P7-P0), Continuous
Read Mode bit setting (M7-M0) and Wrap Bit Setting (W6-W4). The “Reset (99H)” command sequence as
follow: CS# goes low → Sending Enable Reset command → CS# goes high → CS# goes low → Sending
Reset command → CS# goes high. Once the Reset command is accepted by the device, the device will take
approximately tRST=60µs to reset. During this period, no command will be accepted. Data corruption may
happen if there is an on-going or suspended internal Erase or Program operation when Reset command sequence
is accepted by the device. It is recommended to check the BUSY bit and the SUS bit in Status Register before
issuing the Reset command sequence.
Figure 38. Enable Reset and Reset command Sequence Diagram
Figure 38. Enable Reset and Reset command Sequence Diagram
7.34. Read Serial Flash Discoverable Parameter (5AH)
Figure 39. Read Serial Flash Discoverable Parameter command Sequence Diagram
Figure 39. Read Serial Flash Discoverable Parameter command Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com