| 전자부품 데이터시트 검색엔진 |
|
M38B53M4-059FP 데이터시트(PDF) 33 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M38B53M4-059FP 데이터시트(HTML) 33 Page - Mitsubishi Electric Semiconductor |
|
33 / 355 page ![]() 38B5 Group User’s Manual 1-17 HARDWARE FUNCTIONAL DESCRIPTION Fig. 11 Port block diagram (1) (2) Ports P1, P3 (3) Port P20 (4) Port P43 (6) Port P44 (7) Ports P45, P46 * High-breakdown-voltage P-channel transistor Notes 1: The dimmer signal sets the Toff timing. 2: A pull-down resistor is not built in to ports P2 and P8. 3: In the mask option type P, the hysteresis circuit of part is not built-in. VEE * Timer 1 output bit Timer 3 output bit Timer 1 output Timer 3 output Dimmer signal (Note 1) * read Buzzer control signal Buzzer signal output Timer 6 output selection bit Timer 6 output INT0 ,INT1,INT3 interrupt input CNTR1 input Timer 4 external clock input (1) Ports P0, P21–P27, P80–P83 Data bus Local data bus Port latch Dimmer signal (Note 1) * FLD/Port switch register Direction register read VEE (Note 2) VEE FLD/Port switch register Port latch Direction register Data bus Local data bus (Note 2) Data bus Local data bus Port latch Dimmer signal (Note 1) (5-1) Ports P40–P42, P60 Port latch Direction register Data bus Buzzer control signal Buzzer signal output Port latch Direction register Data bus Port latch Direction register Data bus Port latch Direction register Data bus (Note 3) (5-2) Ports P42, P60 (in mask option type P) Port latch Direction register Data bus |