전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M38B53M4-059FP 데이터시트(PDF) 63 Page - Mitsubishi Electric Semiconductor

부품명 M38B53M4-059FP
상세설명  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MITSUBISHI [Mitsubishi Electric Semiconductor]
홈페이지  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP 데이터시트(HTML) 63 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 59Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 60Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 61Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 62Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 63Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 64Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 65Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 66Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 67Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 355 page
background image
38B5 Group User’s Manual
1-47
HARDWARE
FUNCTIONAL DESCRIPTION
Digit data protect function
The FLD automatic display RAM is provided with a data protect
function that disables the RAM area data to be rewritten as digit
data.
This function can disable data from being written in optional bits in
the RAM area corresponding to P1 to P3. A programming load can
be reduced by protecting an area that requires no change after
data such as digit data is written.
Write digit data beforehand; then set “1” in the corresponding bits.
With this, the setting is completed.
The data protect area becomes the maximum RAM area of P1 and
P3. For example, when bit 0 of P1 is protected in the 16-
timing•ordinary mode, bits 0 of RAM addresses 0FD016 to 0FDF16
can be protected. Likewise, in the 16-timing•gradation display mode,
bits 0 of addresses 0FD016 to 0FDF16 and 0F8016 to 0F8F16 can be
protected. In the 32-timing mode, bits 0 of addresses 0FA016 to
0FBF16 can be protected.
Fig. 48 Structure of FLDRAM write disable register
b7
b0
P1FLDRAM write disable register
(P1FLDRAM : address 0EF216)
FLDRAM corresponding to P10
FLDRAM corresponding to P11
FLDRAM corresponding to P12
FLDRAM corresponding to P13
FLDRAM corresponding to P14
FLDRAM corresponding to P15
FLDRAM corresponding to P16
FLDRAM corresponding to P17
b7
b0
0: Operating normally
1: Write disabled
P3FLDRAM write disable register
(P3FLDRAM : address 0EF316)
FLDRAM corresponding to P30
FLDRAM corresponding to P31
FLDRAM corresponding to P32
FLDRAM corresponding to P33
FLDRAM corresponding to P34
FLDRAM corresponding to P35
FLDRAM corresponding to P36
FLDRAM corresponding to P37
0: Operating normally
1: Write disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More