| 전자부품 데이터시트 검색엔진 |
|
M38B53M4-059FP 데이터시트(PDF) 22 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M38B53M4-059FP 데이터시트(HTML) 22 Page - Mitsubishi Electric Semiconductor |
|
22 / 355 page ![]() 38B5 Group User’s Manual 1-6 HARDWARE PART NUMBERING PART NUMBERING Fig. 3 Part numbering M38B5 7 M C H - XXXX FP Product Package type FP : 80P6N-A package FS : 80D0 package ROM number Omitted in One Time PROM version shipped in blank and EPROM version. 3 digits for M38B57M6-XXXFP and One Time PROM version. ROM/PROM size 1 2 3 4 5 6 7 8 9 A B C D E F : 4096 bytes : 8192 bytes : 12288 bytes : 16384 bytes : 20480 bytes : 24576 bytes : 28672 bytes : 32768 bytes : 36864 bytes : 40960 bytes : 45056 bytes : 49152 bytes : 53248 bytes : 57344 bytes : 61440 bytes The first 128 bytes and the last 2 bytes of ROM are reserved areas ; they cannot be used for users. Memory type M E : Mask ROM version : EPROM or One Time PROM version RAM size 0 1 2 3 4 5 6 7 8 9 : 192 bytes : 256 bytes : 384 bytes : 512 bytes : 640 bytes : 768 bytes : 896 bytes : 1024 bytes : 1536 bytes : 2048 bytes High-breakdown voltage pull-down option Regarding option contents, refer to section “ MASK OPTION OF PULL-DOWN RESISTOR”. For the M38B57M6-XXXFP, One Time PROM version, and EPROM version, there is not the option specification. |