| 전자부품 데이터시트 검색엔진 |
|
M38B53M4-059FP 데이터시트(PDF) 137 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M38B53M4-059FP 데이터시트(HTML) 137 Page - Mitsubishi Electric Semiconductor |
|
137 / 355 page ![]() 38B5 Group User’s Manual APPLICATION 2-49 2.3 Serial I/O 2.3.4 Serial I/O1’s modes Figure 2.3.19 shows the serial I/O1’s modes. Fig. 2.3.19 Serial I/O1’s modes Serial I/O1 8-bit serial I/O Automatic transfer serial I/O Internal clock Used handshake signal External clock Output SRDY1 V signal Full duplex mode Transmit only mode Not used handshake signal Used handshake signal Not used handshake signal Input SRDY1 V signal (Note) Output SBUSY1 V signal Input SBUSY1 V signal Output SSTB1 V signal Output SRDY1 V signal Input SRDY1 V signal (Note) Output SBUSY1 V signal Input SBUSY1 V signal Note: This is only valid when outputting the SBUSY1 signal. V Active logic can apply to each signal of SRDY1, SBUSY1, SSTB1. |