전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M38B53M4-059FP 데이터시트(PDF) 278 Page - Mitsubishi Electric Semiconductor

부품명 M38B53M4-059FP
상세설명  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MITSUBISHI [Mitsubishi Electric Semiconductor]
홈페이지  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP 데이터시트(HTML) 278 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 274Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 275Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 276Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 277Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 278Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 279Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 280Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 281Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 282Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 355 page
background image
3-30
APPENDIX
38B5 Group User’s Manual
3.4 Countermeasures against noise
(2)
Installing oscillator away from signal lines where potential levels change frequently
Install an oscillator and a connecting pattern of an oscillator away from signal lines where potential
levels change frequently. Also, do not cross such signal lines over the clock lines or the signal lines
which are sensitive to noise.
q Reason
Signal lines where potential levels change frequently (such as the CNTR pin signal line) may affect
other lines at signal rising edge or falling edge. If such lines cross over a clock line, clock waveforms
may be deformed, which causes a microcomputer failure or a program runaway.
Fig. 3.4.8 Wiring of signal lines where potential levels change frequently
(3)
Oscillator protection using VSS pattern
As for a two-sided printed circuit board, print a VSS pattern on the underside (soldering side) of the
position (on the component side) where an oscillator is mounted.
Connect the VSS pattern to the microcomputer VSS pin with the shortest possible wiring. Besides,
separate this VSS pattern from other VSS patterns.
Fig. 3.4.9 VSS pattern on the underside of an oscillator
XIN
XOUT
VSS
CNTR
Do not cross
N.G.
XIN
XOUT
VSS
An example of VSS patterns on the
underside of a printed circuit board
Oscillator wiring
pattern example
Separate the VSS line for oscillation from other VSS lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More