전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M38B53M4-059FP 데이터시트(PDF) 289 Page - Mitsubishi Electric Semiconductor

부품명 M38B53M4-059FP
상세설명  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MITSUBISHI [Mitsubishi Electric Semiconductor]
홈페이지  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP 데이터시트(HTML) 289 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 285Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 286Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 287Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 288Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 289Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 290Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 291Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 292Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 293Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 355 page
background image
38B5 Group User’s Manual
3-41
APPENDIX
3.5 Control registers
Fig. 3.5.15 Structure of serial I/O1 control register 3
Serial I/O1 control register 3
b7 b6 b5 b4 b3 b2 b1 b0
Serial I/O1 control register 3
(SIO1CON3 • SC13: address 1C16)
b
0
0
Functions
Name
At reset R W
1
2
3
4
5
0
6
0
7
0
Automatic transfer
interval set bits
(valid only when
selecting internal
synchronous clock)
0 0 0 0 0: 2 cycles of
transfer clock
0 0 0 0 1: 3 cycles of
transfer clock
to
1 1 1 1 0: 32 cycles of
transfer clock
1 1 1 1 1: 33 cycles of
transfer clock
Data is written into the
latch and read from the
decrement counter.
0 0 0 : f(XIN)/4 or f(XCIN)/8
0 0 1 : f(XIN)/8 or
f(XCIN)/16
0 1 0 : f(XIN)/16 or
f(XCIN)/32
0 1 1 : f(XIN)/32 or
f(XCIN)/64
1 0 0 : f(XIN)/64 or
f(XCIN)/128
1 0 1 : f(XIN)/128 or
f(XCIN)/256
1 1 0 : f(XIN)/256 or
f(XCIN)/512
1 1 1 : Not used
0
0
0
0
Internal
synchronous clock
selection bits
b4b3b2b1b0
b7b6b5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More