| 전자부품 데이터시트 검색엔진 |
|
M38B53M4-059FP 데이터시트(PDF) 310 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M38B53M4-059FP 데이터시트(HTML) 310 Page - Mitsubishi Electric Semiconductor |
|
310 / 355 page ![]() 3-62 APPENDIX 38B5 Group User’s Manual 3.5 Control registers Fig. 3.5.47 Structure of Tdisp time set register Tdisp time set register b7 b6 b5 b4 b3 b2 b1 b0 Tdisp time set register (TDISP: address 0EF516) b 0 0 Functions At reset R W 1 0 2 0 3 0 4 0 5 0 7 0 0 6 •Set the Tdisp time. •When a value n is written to this register, Tdisp time is expressed as Tdisp = (n + 1) ! count source. •When reading this register, the value in the counter is read out. (Example) When the following condition is satisfied, Tdisp becomes 804 µs {(200 + 1) ! 4 µs}; •f(XIN) = 4 MHz •bit 6 of FLDC mode register = 0 (f(XIN)/16 is selected as Tdisp counter count source. ) •Tdisp time set register = 200 (C816). |