전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STV2236 데이터시트(PDF) 74 Page - STMicroelectronics

부품명 STV2236
상세설명  I짼C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2236 데이터시트(HTML) 74 Page - STMicroelectronics

Back Button STV2236 Datasheet HTML 70Page - STMicroelectronics STV2236 Datasheet HTML 71Page - STMicroelectronics STV2236 Datasheet HTML 72Page - STMicroelectronics STV2236 Datasheet HTML 73Page - STMicroelectronics STV2236 Datasheet HTML 74Page - STMicroelectronics STV2236 Datasheet HTML 75Page - STMicroelectronics STV2236 Datasheet HTML 76Page - STMicroelectronics STV2236 Datasheet HTML 77Page - STMicroelectronics STV2236 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 86 page
background image
STV224XH/228XH/223XH - INPUT/OUTPUT SCHEMATIC DIAGRAMS
74/86
Figure 49. 4.43/3.5X MHz Crystal
Figure 50. Chroma PLL Filter
VCC1 (8 V)
VCCD (5 V)
GND1
GND1
GND1
XTAL1
Pin 40 (SDIP56)
XTAL2
Pin 39 (SDIP56)
VCCD (5 V)
VCC1 (8 V)
GND1
GND1
GND1 GND1
GND1
GND1
GND1
GND1
CPLF
Pin 41 (SDIP56)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com