| 전자부품 데이터시트 검색엔진 |
|
STV2236 데이터시트(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV2236 데이터시트(HTML) 39 Page - STMicroelectronics |
|
39 / 86 page ![]() STV224XH/228XH/223XH - ELECTRICAL CHARACTERISTICS 39/86 4.10.5 Brightness Control 4.10.6 RGB Matrix 4.10.7 Drive Adjustment (White Point Adjustment) 4.10.8 Cut-Off Adjustment (Black Point Adjustment) 4.10.9 Cathode Current Input 4.10.10 Beam Current Limiter Input See Figure 14 on page 42 and Figure 15 on page 42. Symbol Parameter Test Conditions Min. Typ. Max. Unit Bright Brightness Control Range referred to B/W amplitude on RGB outputs At Max. Contrast, APR OFF 50 60 70 % Blacknom Nominal Black Level at RGB out- puts. Difference between black lev- el VBLACK and inserted cut-off pulse level VCO: VBLACK - VCO BS mode, Max. Contrast. (VBLACK - VCO)/V_BW V_BW: black to white amplitude at RGB outputs. -12 % Symbol Parameter Test Conditions Min. Typ. Max. Unit G/R (G-Y)/(R-Y) PAL/SECAM matrix measured on R, G outputs PAL DEMpattern -0.40 -0.51 -0.62 - G/B (G-Y)/(B-Y) PAL/SECAM matrix measured on G, B outputs PAL DEMpattern -0.15 -0.19 -0.23 - R/Bntsc (R-Y)/(B-Y) NTSC mode, 104° matrix input signal: U = V measured on R, B outputs 0.9 - G/Rntsc (G-Y)/(R-Y) NTSC mode, 104° matrix -0.29 - G/Bntsc (G-Y)/(B-Y) NTSC mode, 104° matrix -0.22 - Symbol Parameter Test Conditions Min. Typ. Max. Unit WPrange White Point Adjustment Range On RGB outputs 6 dB Symbol Parameter Test Conditions Min. Typ. Max. Unit COadjust Cut-off Adjustment Range On Red and green outputs at Typ. drive, no load 420 mV COloop Cut-off Loop Range On RGB outputs 2 2.5 V COlevel Inserted Cut-off Level 1.5 2.5 3.5 V Symbol Parameter Test Conditions Min. Typ. Max. Unit VLEAK Leakage Current Reference Volt- age 3.75 4 V VCOFF Cut-off Current Reference Voltage referred to leakage current refer- ence VLEAK 210 250 290 mV VSBEAM Start Beam Current Detection Ref- erence Voltage 4.1 4.3 V ISOURCE Source Current 150 µA Symbol Parameter Test Conditions Min. Typ. Max. Unit VTH1 Contrast Attenuation Starting 5.75 V VTH2 Brightness Attenuation Starting 5.5 V VTH3 Contrast Attenuation Ending 5.25 V CTRbcl Contrast Attenuation at VTH3 14 dB VTH4 Brightness Attenuation Ending 4.5 V |