| 전자부품 데이터시트 검색엔진 |
|
STV2236 데이터시트(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV2236 데이터시트(HTML) 37 Page - STMicroelectronics |
|
37 / 86 page ![]() STV224XH/228XH/223XH - ELECTRICAL CHARACTERISTICS 37/86 4.9.3 First Loop Filter 4.9.4 Second Loop Filter Note 9: This parameter is not tested during production, it is tested during the qualification phase. 4.9.5 Line Flyback Input/Super-Sandcastle Output 4.9.6 Horizontal Output 4.9.7 Vertical Output Symbol Parameter Test Conditions Min. Typ. Max. Unit ILOW Long Time Constant Output Current 0.10 0.13 0.16 mA IHIGH Short Time Constant Output Current 0.30 0.40 0.56 mA IVLOW Very Long Time Constant 0.03 0.05 0.07 mA Symbol Parameter Test Conditions Min. Typ. Max. Unit CrangeP2 Control Range from start of horizon- tal output to flyback pulse Centered horizontal position 0 to 12 µs HSHIFT Horizontal Position Control Range 5 5.25 µs HDRIFT Horizontal Drift with temperature From 0°C to 70°C (see Note 9) 200 ns Symbol Parameter Test Conditions Min. Typ. Max. Unit VBURST Output Voltage during Burst Key 4.8 5.3 5.8 V VLINE Clamped Input Voltage during Line Flyback 2.6 3 3.4 V VVERT Output Voltage during Vertical pulse 1.8 2 2.2 V Twbg Burst key Pulse Width 3.8 µs Tdbg Delay of start of burst key to start of sync. 5.2 µs Tvert Vertical Pulse Width 10.5 lines VTHLINE PLL2 and Line Blanking Threshold Voltage referred to line level Vline Vthline/Vline 83 % I Input Current 0.1 1 mA Symbol Parameter Test Conditions Min. Typ. Max. Unit tW Output Pulse Width 26 28 30 µs VLOW Low Output Voltage ISINK = 5mA 0.4 V VCCSTART VCC Start Level 5.5 6 6.5 V VCCSTOP VCC Stop Level Hysteresis VCCSTART - VCCSTOP 0.5 0.6 0.7 V IMax. Maximum allowed Output Current 10 mA VMax. Maximum allowed Output Voltage 10 V Tss Output Pulse Duty Cycle in soft-start mode (tHIGH/(tHIGH+tLOW) 75 % Symbol Parameter Test Conditions Min. Typ. Max. Unit tW Output Pulse Width 10.5 Lines VLOW Low Output Voltage Reg 19, d0 = 1 Reg 19, d0 = 0 1.5 2 0.1 2.5 0.5 V fLOCK Looking Range 248 352 Lines fFREE-50 Free Frequency (no Video signal) 50-Hz Forced or 50-Hz Auto mode 314 Lines fFREE-60 Free Frequency (no Video signal) 60-Hz Forced or 60-Hz Auto mode 264 Lines |