| 전자부품 데이터시트 검색엔진 |
|
AP0100CS 데이터시트(PDF) 20 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
AP0100CS 데이터시트(HTML) 20 Page - ON Semiconductor |
|
20 / 73 page ![]() AP0100CS HDR: Image Signal Processor (ISP) Test Patterns AP0100CS/D Rev. 6, Pub. 1/16 EN 20 ©Semiconductor Components Industries, LLC,2016. Test Patterns The AP0100CS has a number of test patterns that are available when using the progres- sive, NTSC and PAL modes. The test patterns can be selected by programming variables. To enter test pattern mode, set R0xC88F to 0x02 and issue a Change-Config request; to exit this mode, set R0xC88F to 0x00, and issue a Change-Config request. NTSC and PAL test patterns can only be selected when the device is configured for inter- laced operation. Progressive Test Patterns Figure 13: Progressive Test Patterns Test Pattern Example FLAT FIELD REG= 0xC88C, 0x02 // CAM_MODE_SELECT REG= 0xC88F, 0x01 // CAM_MODE_TEST_PATTERN_SELECT REG= 0xC890, 0x000FFFFF // CAM_MODE_TEST_PATTERN_RED REG= 0xC894, 0x000FFFFF // CAM_MODE_TEST_PATTERN_GREEN REG= 0xC898, 0x000FFFFF // CAM_MODE_TEST_PATTERN_BLUE Load = Change-Config Changing the values in R0xC890-R0x898 will change the color of the test pattern (will require a Refresh operation). 100% Color Bar REG= 0xC88C, 0x02 // CAM_MODE_SELECT REG= 0xC88F, 0x02 // CAM_MODE_TEST_PATTERN_SELECT Load = Change-Config Pseudo-Random REG= 0xC88C, 0x02 // CAM_MODE_SELECT REG= 0xC88F, 0x05 // CAM_MODE_TEST_PATTERN_SELECT Load = Change-Config Linear Ramp REG= 0xC88C, 0x02 // CAM_MODE_SELECT REG= 0xC88F, 0x09 // CAM_MODE_TEST_PATTERN_SELECT Load = Change-Config Fade-to-Gray REG= 0xC88C, 0x02 // CAM_MODE_SELECT REG= 0xC88F, 0x08 // CAM_MODE_TEST_PATTERN_SELECT Load = Change-Config |