전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BUC20W 데이터시트(PDF) 3 Page - Bothhand USA, LP.

부품명 BUC20W
상세설명  Isolated DC-DC Converters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOTHHAND [Bothhand USA, LP.]
홈페이지  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BUC20W 데이터시트(HTML) 3 Page - Bothhand USA, LP.

  BUC20W Datasheet HTML 1Page - Bothhand USA, LP. BUC20W Datasheet HTML 2Page - Bothhand USA, LP. BUC20W Datasheet HTML 3Page - Bothhand USA, LP. BUC20W Datasheet HTML 4Page - Bothhand USA, LP. BUC20W Datasheet HTML 5Page - Bothhand USA, LP. BUC20W Datasheet HTML 6Page - Bothhand USA, LP. BUC20W Datasheet HTML 7Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Rev:20130814A
Page 3 of 7
Isolated DC-DC Converters
BUC20W Series -- 20 Watt
PRELIMINARY
General Specifications
Efficiency
Nominal input
See table
Isolation voltage
Input to output
1500VDC
Isolation resistance
500VDC
10
9 Ohms min.
Isolation capacitance
1200pF typ.
Switching frequency
300kHz typ.
Reliability, calculated MTBF
1.06 × 10
6 Hrs
Physical Specifications
Case material
Nickel-coated copper
Base material
Non-conductive black plastic
Potting material
Silicon rubber (UL94V-0)
2.0 × 1.0 × 0.4 Inch
Dimensions
(50.8 × 25.4 × 10.2 mm)
Weight
32.0g (1.13oz) typ.
BUC20W Series
Power Derating Curve(5)
Ambient Temp.TA (
)
BUC20-48S1W
BUC20-48S1W
Input voltage vs. Efficiency
Output Current vs. Efficiency
Input voltage (V)
Output Current (A)
-40
-20
0
20
80
40
60 70
105
120
0
20
40
60
70
80
120
100
Bothhand USA
sales@bothhandusa.com
www.bothhandusa.com



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com