전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BUC20W 데이터시트(PDF) 1 Page - Bothhand USA, LP.

부품명 BUC20W
상세설명  Isolated DC-DC Converters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOTHHAND [Bothhand USA, LP.]
홈페이지  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BUC20W 데이터시트(HTML) 1 Page - Bothhand USA, LP.

  BUC20W Datasheet HTML 1Page - Bothhand USA, LP. BUC20W Datasheet HTML 2Page - Bothhand USA, LP. BUC20W Datasheet HTML 3Page - Bothhand USA, LP. BUC20W Datasheet HTML 4Page - Bothhand USA, LP. BUC20W Datasheet HTML 5Page - Bothhand USA, LP. BUC20W Datasheet HTML 6Page - Bothhand USA, LP. BUC20W Datasheet HTML 7Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev:20130814A
Page 1 of 7
Isolated DC-DC Converters
BUC20W Series -- 20 Watt
PRELIMINARY
Features
Wide 4 : 1 Input Voltage Range(9~36V,18~75V)
High Efficiency up to 90%
Remote On/Off
Input / Output Isolation Voltage: 1.5K VDC
Extended Operating Temperature Range: -40°C to+85°C
Output Short Circuit Protection:
Hiccup, continuous & Auto Recovery
Over Voltage Protection: Clamp Mode
Shielded Metal Case with Insulated Baseplate
Lead Free Design, RoHS Compliant
6 pin DIP Package with Industry-Standard Footprint
Standard 2”X1” Package
Customer Design Available
Technical Specification
All specifications are typical at nominal input, full load and 25°C unless otherwise stated.
Output Current (mA)
Input Current (mA)
Model
Number
Input Voltage
Range
Output
Voltage
(V)
Min. Load
(1)
Full. Load
No Load
Full Load
Eff .
(2)
(%)
Capacitive
Load, max.
(3)
(uF)
BUC20-24S0W
3.3
0
5500
70
945
84
33000
BUC20-24S1W
5.1
0
4000
86
1012
88
18000
BUC20-24S2W
12
150
1670
38
1006
87
3300
BUC20-24S3W
15
80
1330
49
990
88
2200
BUC20-24D1W
±5
0
±2000
91
992
88
8200
BUC20-24D2W
±12
±25
±835
45
1006
87
1000
BUC20-24D3W
9~36V
Nominal:24V
±15
0
±665
95
1002
87
900
BUC20-48S0W
3.3
0
5500
25
461
86
33000
BUC20-48S1W
5.1
0
4000
38
500
89
18000
BUC20-48S2W
12
90
1670
40
491
89
3300
BUC20-48S3W
15
55
1330
37
489
89
2200
BUC20-48D1W
±5
0
±2000
39
484
90
8200
BUC20-48D2W
±12
±10
±835
42
491
89
1000
BUC20-48D3W
18~75V
Nominal:48V
±15
0
±665
43
495
88
900
Description
The BUC20W Series are isolated 20W DC/DC converters.
Designed with highly efficiency, allow the operating
temperature range of these units to be -40°C to +85°C (with
derating) in a 6 pin DIP package with industry-standard
footprint. Further features include wide 4 : 1 input voltage
range, remote on/off control, trimmable output, short-circuit
protection, over voltage protection and over temperature
protection.
Applications
These converters are well suitable for battery operated
equipment,
measurement
equipment,
telecom,
wireless
network, Industry control system, everywhere where isolated,
tightly regulated voltages and compact size are required.
Bothhand USA
sales@bothhandusa.com
www.bothhandusa.com


유사한 부품 번호 - BUC20W

제조업체부품명데이터시트상세설명
logo
Bothhand USA, LP.
BUC30 BOTHHAND-BUC30 Datasheet
346Kb / 5P
Isolated DC-DC Converters
logo
Pulse A Technitrol Comp...
BUC30 PULSE-BUC30 Datasheet
678Kb / 6P
DC-DC Converters (1.5kVdc Isolation) 15W to 60W DIP
06/23
logo
Bothhand USA, LP.
BUC30-12D1 BOTHHAND-BUC30-12D1 Datasheet
346Kb / 5P
Isolated DC-DC Converters
BUC30-12D2 BOTHHAND-BUC30-12D2 Datasheet
346Kb / 5P
Isolated DC-DC Converters
BUC30-12D3 BOTHHAND-BUC30-12D3 Datasheet
346Kb / 5P
Isolated DC-DC Converters
More results

유사한 설명 - BUC20W

제조업체부품명데이터시트상세설명
logo
Bel Fuse Inc.
0RXL-02T050 BEL-0RXL-02T050 Datasheet
113Kb / 5P
ISOLATED DC/DC CONVERTERS
XRSB-50R08X BEL-XRSB-50R08X Datasheet
185Kb / 7P
ISOLATED DC/DC CONVERTERS
0RCM-55S12X BEL-0RCM-55S12X Datasheet
501Kb / 6P
ISOLATED DC/DC CONVERTERS
0RCN-70S10L BEL-0RCN-70S10L Datasheet
101Kb / 3P
ISOLATED DC/DC CONVERTERS
0RCR-15T08X BEL-0RCR-15T08X Datasheet
122Kb / 5P
ISOLATED DC/DC CONVERTERS
07CM-38S BEL-07CM-38S_08 Datasheet
131Kb / 5P
ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
ISOLATED DC/DC CONVERTERS
VRYB-40T03X BEL-VRYB-40T03X Datasheet
147Kb / 6P
ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
ISOLATED DC/DC CONVERTERS
0REB-C0T06X BEL-0REB-C0T06X Datasheet
462Kb / 14P
ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com