전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BUC20W 데이터시트(PDF) 5 Page - Bothhand USA, LP.

부품명 BUC20W
상세설명  Isolated DC-DC Converters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOTHHAND [Bothhand USA, LP.]
홈페이지  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BUC20W 데이터시트(HTML) 5 Page - Bothhand USA, LP.

  BUC20W Datasheet HTML 1Page - Bothhand USA, LP. BUC20W Datasheet HTML 2Page - Bothhand USA, LP. BUC20W Datasheet HTML 3Page - Bothhand USA, LP. BUC20W Datasheet HTML 4Page - Bothhand USA, LP. BUC20W Datasheet HTML 5Page - Bothhand USA, LP. BUC20W Datasheet HTML 6Page - Bothhand USA, LP. BUC20W Datasheet HTML 7Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Rev:20130814A
Page 5 of 7
Isolated DC-DC Converters
BUC20W Series -- 20 Watt
PRELIMINARY
Test Configurations
All specifications are typical at nominal input, full load and 25°C unless otherwise stated.
◎DC Power Supply:
It offers a wide voltage and current range precisely.
◎Current meter (A): Accuracy
200μA ~ 200mA 4 ranges+(0.2% rdg + 2 digits)
2000mA ~ 20A 2 ranges+(0.3% rdg + 2 digits).
◎Voltage meter (V): Accuracy
+(0.03% rdg + 4 digits).
◎ Load: At full load.
◎ ◎Wires: The resistance of the wires must be small.
1. Input voltage range: Narrow input voltage range(±10%)、wide input voltage range (2:1 and 4:1)。
EX: Narrow input voltage range(±10%)
5V nominal input
4.5~5.5V
12V nominal input
10.8~13.2V
24V nominal input
21.6~26.4V
Wide input voltage range 2:1
5V nominal input
4.5~9V
12V nominal input
9~18V
24V nominal input
18~36V
48V nominal input
36~75V
Wide input voltage range 4:1 (W)
24V nominal input
9~36V
48V nominal input
18~75V
2. Input power :
Pin = Vin x Iin
Vin:Input voltage
Iin:Input current
3. Output power :
Pout = Vout x Iout
Vout:Output voltage
Iout:Output current
4. Efficiency :
Pout: Output power
Pin: Input power
5. Voltage accuracy:
Vout:Output voltage
Vout(nominal):Nominal output voltage
DC
Power Supply
A
V
Load
DC/DC
converter
V
A
DC
Power Supply
A
V
Load
DC/DC
converter
V
A
│Vout-Vout(nominal)│
Vout
x100%
Efficiency =
x100%
Pout
Pin
Bothhand USA
sales@bothhandusa.com
www.bothhandusa.com



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com