전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLE8718SA 데이터시트(PDF) 74 Page - Infineon Technologies AG

부품명 TLE8718SA
상세설명  Smart 18-Channel Lowside Switch with Micro Second Bus
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8718SA 데이터시트(HTML) 74 Page - Infineon Technologies AG

Back Button TLE8718SA Datasheet HTML 70Page - Infineon Technologies AG TLE8718SA Datasheet HTML 71Page - Infineon Technologies AG TLE8718SA Datasheet HTML 72Page - Infineon Technologies AG TLE8718SA Datasheet HTML 73Page - Infineon Technologies AG TLE8718SA Datasheet HTML 74Page - Infineon Technologies AG TLE8718SA Datasheet HTML 75Page - Infineon Technologies AG TLE8718SA Datasheet HTML 76Page - Infineon Technologies AG TLE8718SA Datasheet HTML 77Page - Infineon Technologies AG TLE8718SA Datasheet HTML 78Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 82 page
background image
Data Sheet
74
Rev. 1.1, 2012-07-31
TLE 8718 SA
Control of the device
12.2.13
DIAREG6
Table 49
DIAREG6
Reset sources: RST, power-on-reset
Controller read access: RD_DATA = ’1 11001 xx1x xxxx xxx’
Controller write access: -
UD Name
Description
Reset value
0
OUTPUT_STBY
‘1‘: Outputs (1...14, 17, 18) disabled until command WR_START.
‘0‘: Output stages active, following MSC register data
Bit can be set = ‘0’ by command WR_START only
(see Chapter 12.1.3, Figure 25)
1
1
MSC_MON
‘1‘: No MSC monitoring timeout detected
‘0‘: Timeout: MSC monitoring has detected a transmission failure
and power stages are switched off (see Chapter 5.1,Table 21,
Chapter 11.1.2, Item 11.5.46)
By activating the MSC communication this bit is not reset, only
readout of DIAREG6 or power-on-reset (POR) or RST will enable
output stages after MSC_MON has detected a failure.
1
2
POR_FLAG
‘1‘: Power-on-reset (POR) has happened. Bit is set by power-on-
reset only
‘0‘: No POR since last readout. Bit is reset after RST or readout
RST and
RD_DATA =
‘0’;
POR = ‘1’
3
ABE_STATUS
‘1‘: ABE inactive
‘0‘: ABE active low disabling output stages
01)
1) Register data is asynchronously written and not latched by the device (status).
4
FAILURE_FLAG
‘1‘: Common failure flag OUT1...18, no failure
‘0‘: Common failure flag OUT1...18, any stage
11)
5
COTW
‘1‘: Overtemperature flag OUT1...18, no DOT
‘0‘: Overtemperature flag OUT1...18, DOT any stage
This bit is latched, remaining ’0’ after DOT disappears until register
is reset by RST, POR or RD_DATA.
1
6
DIS5_10_STATUS
‘1‘: DIS5_10 >
V
DIS5_10_H for longer than tDIS5_10
‘0‘: DIS5_10 <
V
DIS5_10_L for longer than tDIS5_10
01)
7
DELAYIN_STATUS
‘1‘: DELAYIN > VDELAYIN_H for longer than tDELAYIN_GLITCH_x
‘0‘: DELAYIN < VDELAYIN_L for longer than tDELAYIN_x
01)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com