전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLE8718SA 데이터시트(PDF) 22 Page - Infineon Technologies AG

부품명 TLE8718SA
상세설명  Smart 18-Channel Lowside Switch with Micro Second Bus
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8718SA 데이터시트(HTML) 22 Page - Infineon Technologies AG

Back Button TLE8718SA Datasheet HTML 18Page - Infineon Technologies AG TLE8718SA Datasheet HTML 19Page - Infineon Technologies AG TLE8718SA Datasheet HTML 20Page - Infineon Technologies AG TLE8718SA Datasheet HTML 21Page - Infineon Technologies AG TLE8718SA Datasheet HTML 22Page - Infineon Technologies AG TLE8718SA Datasheet HTML 23Page - Infineon Technologies AG TLE8718SA Datasheet HTML 24Page - Infineon Technologies AG TLE8718SA Datasheet HTML 25Page - Infineon Technologies AG TLE8718SA Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 82 page
background image
Data Sheet
22
Rev. 1.1, 2012-07-31
TLE 8718 SA
Power Stages
5.5.19 Standard operating range, max. 648Mio
cycles
E
CL_OUTn
––
18
mJ
C
Tj
(0)=125°C,
I
OUTn(0)<1.2A
5.5.20 Standard operating range, max. 96Mio
cycles
E
CL_OUTn
––
15
mJ
C
Tj
(0)=140°C,
I
OUTn(0)<1A
5.5.21 Standard operating range, max. 4Mio
cycles
E
CL_OUTn
––
15
mJ
C
Tj
(0)=150°C,
I
OUTn(0)<1A
5.5.22 Generator defect, max. 0.5Mio cycles; or
Item 5.5.23
E
CL_OUTn
––
28
mJ
C
Tj
(0)=35°C,
I
OUTn(0)<1.6A
5.5.23 Generator defect, max. 0.5Mio cycles
E
CL_OUTn
––
16
mJ
C
Tj
(0)=145°C,
I
OUTn(0)<1.1A
5.5.24 Jump start, max. 0.021Mio cycles, or
Item 5.5.25
E
CL_OUTn
––
50
mJ
C
Tj
(0)=35°C,
I
OUTn(0)<2.2A
5.5.25 Jump start, max. 0.021Mio cycles
E
CL_OUTn
––
30
mJ
C
Tj
(0)=85°C,
I
OUTn(0)<1.8A
5.5.26 Load dump, max. 10 pulses, or
Item 5.5.27
E
CL_OUTn
––
120
mJ
C
Tj
(0)=35°C,
I
OUTn(0)<2.4A
2)
5.5.27 Load dump, max. 10 pulses
E
CL_OUTn
––
55
mJ
C
Tj
(0)=145°C,
I
OUTn(0)<1.8A
5.5.28 Load dump, max. 10 pulses, or
Item 5.5.29
E
CL_OUTn
––
80
mJ
C
Tj
(0)=35°C,
I
OUTn(0)<3.5A
2)
5.5.29 Load dump, max. 10 pulses
E
CL_OUTn
––
51
mJ
C
Tj
(0)=145°C,
I
OUTn(0)<2A
Reverse current through OUTn
5.5.30 In operation mode, static, no destruction
I
R_S_OUTn
-2.2
–
–
A
C
Tj=150°C,V
DD=5V
5.5.31 Without supply voltage, possibly Leakage
Current out of neighbor channels.
10ms after the reverse current disappears
leakage current criteria are kept.
I
R_Soff_OUTn -2.2
–
–
A
C
V
DD<1V
5.5.32 In operation mode, No unwanted
switching of channels; No unwanted
Reset, No unwanted change of Voltage
Monitoring Thresholds; No unwanted
communication errors or register changes
beside diagnostic registers.
Possibly unwanted diagnostic entries.
Possibly Leakage Current out of neighbor
channels.
I
R_S_OUTn
-1
–
–
A
C
Tj=150°C,
V
DD=5V
1) Clamping energy, Linear decreasing current, fcl<67Hz.
2) PS might switch off to limit the current before reaching the given IOUTn due to reaching IOUTn_max.
Table 10
Electrical Characteristics Power Stages OUT9 and OUT10
n = 9 and 10, all channels ON or OFF, nominal load conditions, 4.5V <
V
DD < 5.5V, 4.5V < VBAT < 40V, all voltages
with respect to PGND, positive current flowing into pin.,
T
j = -40°C to +150°C, unless otherwise specified
Pos.
Parameter
Symbol
Values
Unit TC Conditions
min. typ. max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com