전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HDF959AS4 데이터시트(PDF) 4 Page - Shoulder Electronics Limited.

부품명 HDF959AS4
상세설명  Low-Loss SAW Filter of cordless system
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHOULDER [Shoulder Electronics Limited.]
홈페이지  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF959AS4 데이터시트(HTML) 4 Page - Shoulder Electronics Limited.

  HDF959AS4 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF959AS4 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF959AS4 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF959AS4 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF959AS4 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF959AS4 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF959AS4 Datasheet HTML 7Page - Shoulder Electronics Limited. HDF959AS4 Datasheet HTML 8Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SAW FILTER
HDF959A
S-4
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 4 of 8
1.1 Electronic Characteristics
Item
Specification
Center Frequency(fo)
959 MHz
Insertion Loss(dB)
1.)953-965 MHz
2.)913-918 MHz
3.)936-939 MHz
4.)979-982 MHz
5.)1000-1004 MHz
5.0max
40 min
30 min
20 min
40 min
Ripple deviation (953-965MHz)(dB)
1.5max
Input/output Impedance(Nominal)
50Ω
3.4 Frequency Characteristics
3.5 Test Circuit



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com