전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HDF959AS4 데이터시트(PDF) 6 Page - Shoulder Electronics Limited.

부품명 HDF959AS4
상세설명  Low-Loss SAW Filter of cordless system
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHOULDER [Shoulder Electronics Limited.]
홈페이지  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF959AS4 데이터시트(HTML) 6 Page - Shoulder Electronics Limited.

  HDF959AS4 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF959AS4 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF959AS4 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF959AS4 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF959AS4 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF959AS4 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF959AS4 Datasheet HTML 7Page - Shoulder Electronics Limited. HDF959AS4 Datasheet HTML 8Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SAW FILTER
HDF959A
S-4
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 6 of 8
3000 pcs/reel
13’’
6.3 Taping Structure
(1) The tape shall be wound around the reel in the direction shown below.
(2) Label
Device Name
User Product Name
Quantity
Lot No.
(3) Leader part and vacant position specifications.
7. TAPE SPECIFICATIONS
7.1 Tensile Strength of Carrier Tape: 4.4N/mm width
7.2 Top Cover Tape Adhesion (See the below figure)



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com