전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HDF959AS4 데이터시트(PDF) 5 Page - Shoulder Electronics Limited.

부품명 HDF959AS4
상세설명  Low-Loss SAW Filter of cordless system
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHOULDER [Shoulder Electronics Limited.]
홈페이지  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF959AS4 데이터시트(HTML) 5 Page - Shoulder Electronics Limited.

  HDF959AS4 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF959AS4 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF959AS4 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF959AS4 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF959AS4 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF959AS4 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF959AS4 Datasheet HTML 7Page - Shoulder Electronics Limited. HDF959AS4 Datasheet HTML 8Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SAW FILTER
HDF959A
S-4
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 5 of 8
4. ENVIRONMENTAL CHARACTERISTICS
4-1 Temperature cycling
Subject the device to a low temperature of -40℃ for 30 minutes. Following by a
high temperature of +25℃ for 5 Minutes and a higher temperature of +85℃ for 30
Minutes. Then release the device into the room conditions for 1 to 2 hours prior to the
measurement. It shall meet the specifications in table 1.
4-2 Resistance to solder heat
Submerge the device terminals into the solder bath at 260℃ ±5℃ for 10±1 sec.
Then release the device into the room conditions for 4 hours. It shall meet the specifications
in table 1.
4-3 Solderability
Submerge the device terminals into the solder bath at 245℃ ±5℃ for 5s, More than
95% area of the soldering pad must be covered with new solder. It shall meet the
specifications in table 1.
4-4 Mechanical shock
Drop the device randomly onto the concrete floor from the height of 1 m 3 times.
the filter shall fulfill the specifications in table 1.
4-5 Vibration
Subject the device to the vibration for 2 hour each in x,y and z axes with the
amplitude of 1.5 mm at 10 to 55 hz. The filter shall fulfill the specifications in table 1.
5. REMARK
5.1 Static voltage
Static voltage between signal load & ground may cause deterioration &destruction of
the component. Please avoid static voltage.
5.2 Ultrasonic cleaning
Ultrasonic vibration may cause deterioration & destruction of the component. Please
avoid ultrasonic cleaning
5.3 Soldering
Only leads of component may be soldered. Please avoid soldering another part of
component.
6. Packing
6.1 Dimensions
(1) Carrier Tape: Figure 1
(2) Reel: Figure 2
(3) The product shall be packed properly not to be damaged during transportation and storage.
6.2 Reeling Quantity
1000 pcs/reel
7’’



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com