전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STW8A2PD 데이터시트(PDF) 28 Page - Seoul Semiconductor

부품명 STW8A2PD
상세설명  Market Standard 3528 Package Size
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEOUL [Seoul Semiconductor]
홈페이지  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW8A2PD 데이터시트(HTML) 28 Page - Seoul Semiconductor

Back Button STW8A2PD Datasheet HTML 23Page - Seoul Semiconductor STW8A2PD Datasheet HTML 24Page - Seoul Semiconductor STW8A2PD Datasheet HTML 25Page - Seoul Semiconductor STW8A2PD Datasheet HTML 26Page - Seoul Semiconductor STW8A2PD Datasheet HTML 27Page - Seoul Semiconductor STW8A2PD Datasheet HTML 28Page - Seoul Semiconductor STW8A2PD Datasheet HTML 29Page - Seoul Semiconductor STW8A2PD Datasheet HTML 30Page - Seoul Semiconductor STW8A2PD Datasheet HTML 31Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
www.seoulsemicon.com
Product Data Sheet
STW8A2PD
– Mid-Power LED
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
28
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev1.1, Sep 7, 2016
Precaution for Use
SSC
표준화결론(개선후)
TOP & SIDETOP & SIDE
MSL (Moisture Sensitive Level)
LEVEL 3
LEVEL 2a
1. Shelf life in Sealing bag
저장기한
(
실링백 상태로)
Months
개월
12
개월
12
개월
Temperature
(maximum)
온도 (이하)
30℃
30℃
Humidity
(maximum)
습도 (미만)
50%RH
50%RH
2. Peak package body temperature
(
제품 최대 온도)
240℃
240℃
3. After this bag is
opened
실링백 개봉 후 조건
hours
시간 (이내)
168 hours
(7days)
672 hours
(28days)
Temperature
(maximum)
온도 (이하)
30℃
30℃
Humidity
(less than)
습도 (미만)-규격
Limit
성격
60%RH
60%RH
Stored
저장조건(미만)
10%RH
10%RH
4. Devices require bake,
before mounting, if:
사용 전 Baking 검사
a. Humiduty
Indicator Card
30%RH
30%RH
Temperature
온도 조건에서
23
±5℃
23
±5℃
b. is not met.
MSL Level (
미만)
3
3
5. If baking is required,
건조(baking) 조건
hours
시간 (이내)
10~24
hours
10~24
hours
Temperature
온도 조건
65
±5℃
65
±5℃
Humidity
(less than)
습도조건 (미만)
10%RH
10%RH
<PKG용>
- 제품에 해당하는 내용 추가 및 수정하십시오.
(1) Storage
To avoid the moisture penetration, we recommend store in a dry box with a desiccant.
The recommended storage temperature range is 5℃ to 30℃ and a maximum humidity of
RH50%.
(2) Use Precaution after Opening the Packaging
Use proper SMT techniques when the LED is to be soldered dipped as separation of the lens may
affect the light output efficiency.
Pay attention to the following:
a. Recommend conditions after opening the package
- Sealing
- Temperature : 5 ~ 30℃ Humidity : less than RH60%
b. If the package has been opened more than 4 week(MSL_2a) or the color of the desiccant
changes, components should be dried for 10-24hr at 65±5℃
(3) Do not apply mechanical force or excess vibration during the cooling process to normal
temperature after soldering.
(4) Do not rapidly cool device after soldering.
(5) Components should not be mounted on warped (non coplanar) portion of PCB.
(6) Radioactive exposure is not considered for the products listed here in.
(7) Gallium arsenide is used in some of the products listed in this publication.
These products are dangerous if they are burned or shredded in the process of disposal.
It is also dangerous to drink the liquid or inhale the gas generated by such products when
chemically disposed of.
(8) This device should not be used in any type of fluid such as water, oil, organic solvent and etc.
When washing is required, IPA (Isopropyl Alcohol) should be used.
(9) When the LEDs are in operation the maximum current should be decided after measuring
the package temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com