| 전자부품 데이터시트 검색엔진 |
|
MCP19124-E/MJ 데이터시트(PDF) 40 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP19124-E/MJ 데이터시트(HTML) 40 Page - Microchip Technology |
|
40 / 236 page ![]() MCP19124/5 DS20005619A-page 40 2016 Microchip Technology Inc. bit 3 OVLOEN: OVLO Comparator Module Logic enable bit 1 = OVLO Comparator Module Logic enabled 0 = OVLO Comparator Module Logic disabled bit 2 OVLOOUT: Overvoltage Lockout Status Output bit 1 = OVLO event has occurred 0 = No OVLO event has occurred bit 1 OVLOINTP: OVLO Comparator Interrupt on Positive Going Edge Enable bit 1 = The OVLOIF interrupt flag will be set upon a positive going edge of the OVLO 0 = No OVLOIF interrupt flag will be set upon a positive going edge of the OVLO bit 0 OVLOINTN: OVLO Comparator Interrupt on Negative Going Edge Enable bit 1 = The OVLOIF interrupt flag will be set upon a negative going edge of the OVLO 0 = No OVLOIF interrupt flag will be set upon a negative going edge of the OVLO REGISTER 6-2: VINUVLO: INPUT UNDERVOLTAGE LOCKOUT REGISTER U-0 U-0 R/W-x R/W-x R/W-x R/W-x R/W-x R/W-x — — UVLO5 UVLO4 UVLO3 UVLO2 UVLO1 UVLO0 bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ u = Bit is unchanged x = Bit is unknown -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared bit 7-6 Unimplemented: Read as ‘0’ bit 5-0 UVLO<5:0>: Undervoltage Lockout Configuration bits UVLO(V) = 3.57 x (1.028578N) where N = the decimal value written to the VINUVLO Register from 0 to 63 REGISTER 6-3: VINOVLO: INPUT OVERVOLTAGE LOCKOUT REGISTER U-0 U-0 R/W-x R/W-x R/W-x R/W-x R/W-x R/W-x — — OVLO5 OVLO4 OVLO3 OVLO2 OVLO1 OVLO0 bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ u = Bit is unchanged x = Bit is unknown -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared bit 7-6 Unimplemented: Read as ‘0’ bit 5-0 OVLO<5:0>: Overvoltage Lockout Configuration bits OVLO(V) = 7.5212 x (1.028645N) where N = the decimal value written to the VINOVLO Register from 0 to 63 REGISTER 6-1: VINCON: UVLO AND OVLO COMPARATOR CONTROL REGISTER (CONTINUED) |