전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

7.2ABWNA6.3 데이터시트(PDF) 63 Page - Cooper Bussmann, Inc.

부품명 7.2ABWNA6.3
상세설명  PT Medium voltage fuses for potential and small power transformers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COOPER [Cooper Bussmann, Inc.]
홈페이지  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

7.2ABWNA6.3 데이터시트(HTML) 63 Page - Cooper Bussmann, Inc.

Back Button 7.2ABWNA6.3 Datasheet HTML 59Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 60Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 61Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 62Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 63Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 64Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 65Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 66Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 67Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 72 page
background image
63
Technical Data 6002
Effective March 2016
PT medium voltage fuses for potential and
small power transformers
Eaton.com/bussmannseries
38kV maximum system voltage
Amp rating
Dimensions - in (mm)
Catalog No. (interrupting rating - kA)
Recommended fuseclip
Length A
Diameter B
Clip centers C
Indicating
Non-indicating
0.5 17.3 (439)
1.6 (41)
16.1 (409)
38CAVH0.5E (38)
—
1A0835
0.5 18.6 (472)
1.6 (41)
17.1 (434)
38CLPT-0.5E (44)†
—
1 17.3 (439)
1.6 (41)
16.1 (409)
38CAVH1E (38)
—
2 17.3 (439)
1.6 (41)
16.1 (409)
38CAVH2E (38)
—
4 17.3 (439)
1.6 (41)
16.1 (409)
—
38CAV4E (38)
† Does not comply with ANSI C37.46 for “E” rating.
CLPT Type Mountings and Hardware 38kV Maximum (34.5kV Nominal)
Amp rating
Fuse mounting
type
Catalog number
Mounting (including Live Parts, End Fittings)*
Live Parts
(including end fittings)*
End fittings
(disconnect only)
Porcelain insulator
Glass-polyester insulator
0.5
Disconnect†
Not applicable
Not applicable
25CLPT-NL
CLPT-DF
Non-disconnect Not applicable
Not applicable
25CLPT-DL
—
* End fittings supplied only when required.
† Disconnect mountings provide a means for fuse extraction only. Do not use a disconnect mounting for load switching or fuse removal while energized.
Dimensions (see catalog number tables for values)
Indicator
A
B
C
Recommended fuseclip:
Description
Cat. No.
Open fuseclip for 1.56 (39.7mm) / 1.6 (40.6mm) dia. fuses
1A0835



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com