전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

7.2ABWNA6.3 데이터시트(PDF) 37 Page - Cooper Bussmann, Inc.

부품명 7.2ABWNA6.3
상세설명  PT Medium voltage fuses for potential and small power transformers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COOPER [Cooper Bussmann, Inc.]
홈페이지  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

7.2ABWNA6.3 데이터시트(HTML) 37 Page - Cooper Bussmann, Inc.

Back Button 7.2ABWNA6.3 Datasheet HTML 33Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 34Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 35Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 36Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 37Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 38Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 39Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 40Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 41Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 72 page
background image
37
Technical Data 6002
Effective March 2016
PT medium voltage fuses for potential and
small power transformers
Eaton.com/bussmannseries
8.3kV time-current curves — minimum melting for 8NCLPT-_E-A/B
8NCLPT-_E-A/B
3A
10A
0.5A
5A
1A
2A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com