전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

7.2ABWNA6.3 데이터시트(PDF) 18 Page - Cooper Bussmann, Inc.

부품명 7.2ABWNA6.3
상세설명  PT Medium voltage fuses for potential and small power transformers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COOPER [Cooper Bussmann, Inc.]
홈페이지  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

7.2ABWNA6.3 데이터시트(HTML) 18 Page - Cooper Bussmann, Inc.

Back Button 7.2ABWNA6.3 Datasheet HTML 14Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 15Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 16Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 17Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 18Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 19Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 20Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 21Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 22Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 72 page
background image
18
Technical Data 6002
Effective March 2016
PT medium voltage fuses for potential and
small power transformers
Eaton.com/bussmannseries
5.5kV time-current curves — minimum melting for 5CLPT_
0.5A
3A
1.5A
1A
5A
10A
5CLPT-_E
0.5, 1 and 1.5 A fuse melt times in the dotted line region
may not be assured due to manufacturing variations.
The dotted lines show nominal operation. Some individual
fuses may not open until current at 10-second mark is applied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com