전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSU111ICT 데이터시트(PDF) 14 Page - STMicroelectronics

부품명 TSU111ICT
상세설명  Nanopower (900 nA), high accuracy (150 µV) 5 V CMOS operational amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSU111ICT 데이터시트(HTML) 14 Page - STMicroelectronics

Back Button TSU111ICT Datasheet HTML 10Page - STMicroelectronics TSU111ICT Datasheet HTML 11Page - STMicroelectronics TSU111ICT Datasheet HTML 12Page - STMicroelectronics TSU111ICT Datasheet HTML 13Page - STMicroelectronics TSU111ICT Datasheet HTML 14Page - STMicroelectronics TSU111ICT Datasheet HTML 15Page - STMicroelectronics TSU111ICT Datasheet HTML 16Page - STMicroelectronics TSU111ICT Datasheet HTML 17Page - STMicroelectronics TSU111ICT Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
Electrical characteristic curves
TSU111
14/30
DocID029790 Rev 2
Figure 20: Large signal response at
3.3 V supply voltage
Figure 21: Small signal response at 3.3 V supply voltage
Figure 22: Overshoot vs. capacitive load at
3.3 V supply voltage
Figure 23: Open loop output impedance vs. frequency
Figure 24: Bode diagram at 1.8 V supply voltage
Figure 25: Bode diagram at 3.3 V supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30