전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSU111ICT 데이터시트(PDF) 27 Page - STMicroelectronics

부품명 TSU111ICT
상세설명  Nanopower (900 nA), high accuracy (150 µV) 5 V CMOS operational amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSU111ICT 데이터시트(HTML) 27 Page - STMicroelectronics

Back Button TSU111ICT Datasheet HTML 22Page - STMicroelectronics TSU111ICT Datasheet HTML 23Page - STMicroelectronics TSU111ICT Datasheet HTML 24Page - STMicroelectronics TSU111ICT Datasheet HTML 25Page - STMicroelectronics TSU111ICT Datasheet HTML 26Page - STMicroelectronics TSU111ICT Datasheet HTML 27Page - STMicroelectronics TSU111ICT Datasheet HTML 28Page - STMicroelectronics TSU111ICT Datasheet HTML 29Page - STMicroelectronics TSU111ICT Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
TSU111
Package information
DocID029790 Rev 2
27/30
Figure 39: DFN6 1.2x1.3 recommended footprint
Table 8: DFN6 1.2x1.3 recommended footprint data
Dimensions
Ref
Millimeters
Inches
A
4.00
0.158
B
C
0.50
0.020
D
0.30
0.012
E
1.00
0.039
F
0.70
0.028
G
0.66
0.026
0.40
0.25
3
1
1.20
4
6
0.475



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30