전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSU111ICT 데이터시트(PDF) 26 Page - STMicroelectronics

부품명 TSU111ICT
상세설명  Nanopower (900 nA), high accuracy (150 µV) 5 V CMOS operational amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSU111ICT 데이터시트(HTML) 26 Page - STMicroelectronics

Back Button TSU111ICT Datasheet HTML 22Page - STMicroelectronics TSU111ICT Datasheet HTML 23Page - STMicroelectronics TSU111ICT Datasheet HTML 24Page - STMicroelectronics TSU111ICT Datasheet HTML 25Page - STMicroelectronics TSU111ICT Datasheet HTML 26Page - STMicroelectronics TSU111ICT Datasheet HTML 27Page - STMicroelectronics TSU111ICT Datasheet HTML 28Page - STMicroelectronics TSU111ICT Datasheet HTML 29Page - STMicroelectronics TSU111ICT Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
Package information
TSU111
26/30
DocID029790 Rev 2
Table 7: DFN6 1.2x1.3 mechanical data
Ref
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.31
0.38
0.40
0.012
0.015
0.016
A1
0.00
0.02
0.05
0.000
0.001
0.002
b
0.15
0.18
0.25
0.006
0.007
0.010
c
0.05
0.002
D
1.20
0.047
E
1.30
0.051
e
0.40
0.016
L
0.475
0.525
0.575
0.019
0.021
0.023
L3
0.375
0.425
0.475
0.015
0.017
0.019



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30