| 전자부품 데이터시트 검색엔진 |
|
TLE7233EM 데이터시트(PDF) 26 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE7233EM 데이터시트(HTML) 26 Page - Infineon Technologies AG |
|
26 / 33 page ![]() SPI Driver for Enhanced Relay Control SPIDER - TLE7233EM Serial Peripheral Interface (SPI) Data Sheet 26 Rev. 1.2, 2014-05-09 Field Bits Type Description INn (n = 3-0) 7:6, 5:4, 3:2, 1:0 W Input Register Channel n 00B Idle Mode: Fast channel switched off. Diagnosis flags are cleared. Diagnosis current is disabled. 01B Input Direct drive mode: Channel is switched according to signal at corresponding input pin. Diagnosis current is enabled in OFF-state. See Figure 5 for details. 10B ON Mode: Channel is switched on. Diagnosis current is enabled. 11B OFF Mode: Channel is switched off. Diagnosis current is enabled . |