| 전자부품 데이터시트 검색엔진 |
|
TLE7233EM 데이터시트(PDF) 15 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE7233EM 데이터시트(HTML) 15 Page - Infineon Technologies AG |
|
15 / 33 page ![]() Data Sheet 15 Rev. 1.2, 2014-05-09 SPI Driver for Enhanced Relay Control SPIDER - TLE7233EM Power Stages Figure 5 Input Multiplexer 6.2 Inductive Output Clamp When switching off inductive loads, the potential at pin OUT rises to VDS(CL) potential, because the inductance intends to continue driving the current. The voltage clamping is necessary to prevent destruction of the device, see Figure 6 for details. Nevertheless, the maximum allowed load inductance is limited. Figure 6 Output Clamp Implementation Channel 0 LHI INx0 ON OFF IN0 D0 & Channel 2 LHI INx2 IN2 D2 & Channel 3 LHI INx3 IN3 D3 & Channel 1 LHI INx1 IN1 & D1 InputLogic_EM.emf ON OFF ON OFF ON OFF OFF OFF OFF OFF OutputClamp.emf VBAT ID VDS(CL) OUT V DS GND L, R L |