전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MYX29GL01GS11DPIV2 데이터시트(PDF) 10 Page - Micross Components

부품명 MYX29GL01GS11DPIV2
상세설명  Tin-lead ball metallurgy
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSS [Micross Components]
홈페이지  http://www.micross.com
Logo MICROSS - Micross Components

MYX29GL01GS11DPIV2 데이터시트(HTML) 10 Page - Micross Components

Back Button MYX29GL01GS11DPIV2 Datasheet HTML 6Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 7Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 8Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 9Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 10Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 11Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 12Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 13Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 14Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
MYX29GL01GS11DPIV2
Revision 1.0 - 01/26/2015
*Advanced information. Subject to change without notice.
10
1Gb GL-S MirrorBit® Eclipse™
Flash Memory
MYX29GL01GS11DPIV2*
Form #: CSI-D-685 Document 001
compatibility.Ifthebitis0thesectorisprotectedagainstprogramminganderaseoperations.Ifthebitis1the
sectorisnotprotectedbythePPB.ThesectormaybeprotectedbyotherfeaturesofASP.
2.6.3
PPB LOCK ASO
ThePPBLockASOcontainsasinglebitofvolatilememory.ThebitcontrolswhetherthebitsinthePPBASO
may be programmed or erased. If the bit is 0 the PPB ASO is protected against programming and erase
operations.Ifthebitis1thePPBASOisnotprotected.WhenthePPBLockASOisenteredthePPBLock
bit appears in the Least Significant Bit (LSB) of each address in the device address space. However, it is
recommendedtoreadorprogramthePPBLockonlyataddress0ofthedeviceforfuturecompatibility.
2.6.4
Password ASO
ThePasswordASOcontainsfourwordsofOTPmemory.WhentheASOisenteredthePasswordappears
startingataddress0inthedeviceaddressspace.Alllocationsabovetheforthwordareundefined.
2.6.5
Dynamic Protection Bits (DYB) ASO
TheDYBASOcontainsonebitofavolatilememoryarrayforeachSectorinthedevice.WhentheDYBASO
isentered,theDYBbitforasectorappearsintheLeastSignificantBit(LSB)ofeachaddressinthesector.
ReadinganyaddressinasectordisplaysdatawheretheLSBindicatesthenon-volatileprotectionstatusfor
thatsector.However,itisrecommendedtoread,set,orcleartheDYBonlyataddress0ofthesectorforfuture
compatibility.Ifthebitis0thesectorisprotectedagainstprogramminganderaseoperations.Ifthebitis1the
sectorisnotprotectedbytheDYB.ThesectormaybeprotectedbyotherfeaturesofASP.
3
Data Protection
The device offers several features to prevent malicious or accidental modification of any sector via
hardwaremeans.
3 .1
Device Protection Methods
3.1.1
Power-Up Write Inhibit
RESET#,CE#,WE#,and,OE#areignoredduringPower-OnReset(POR).DuringPOR,thedevicecannotbe
selected,willnotacceptcommandsontherisingedgeofWE#,anddoesnotdriveoutputs.TheHostInterface
Controller(HIC)andEmbeddedAlgorithmController(EAC)areresettotheirstandbystates,readyforreading
arraydata,duringPOR.CE#orOE#mustgotoVIHbeforetheendofPOR(tVCS).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68