전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HMC591 데이터시트(PDF) 4 Page - Micross Components

부품명 HMC591
상세설명  Point-to-Multi-Point Radios
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSS [Micross Components]
홈페이지  http://www.micross.com
Logo MICROSS - Micross Components

HMC591 데이터시트(HTML) 4 Page - Micross Components

  HMC591 Datasheet HTML 1Page - Micross Components HMC591 Datasheet HTML 2Page - Micross Components HMC591 Datasheet HTML 3Page - Micross Components HMC591 Datasheet HTML 4Page - Micross Components HMC591 Datasheet HTML 5Page - Micross Components HMC591 Datasheet HTML 6Page - Micross Components HMC591 Datasheet HTML 7Page - Micross Components HMC591 Datasheet HTML 8Page - Micross Components HMC591 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
3
3 - 78
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC591
v02.0109
General Description
Features
Functional Diagram
The HMC591 is a high dynamic range GaAs PHEMT
MMIC 2 Watt Power Amplifier which operates from
6 to 10 GHz. This amplifier die provides 23 dB of
gain and +34 dBm of saturated power, at 24% PAE
from a +7.0V supply. Output IP3 is +43 dBm typical.
The RF I/Os are DC blocked and matched to 50
Ohms for ease of integration into Multi-Chip-Modules
(MCMs). All data is taken with the chip in a 50 ohm test
fixture connected via 0.025mm (1 mil) diameter wire
bonds of length 0.31mm (12 mils). For applications
which require optimum OIP3, Idd should be set for 940
mA, to yield +43 dBm OIP3. For applications which
require optimum output P1dB, Idd should be set for
1340 mA, to yield +33 dBm Output P1dB.
Saturated Output Power: +34 dBm @ 24% PAE
Output IP3: +43 dBm
Gain: 23 dB
DC Supply: +7.0 V @ 1340 mA
50 Ohm Matched Input/Output
2.47 mm x 2.49 mm x 0.1 mm
Electrical Specifications, T
A = +25° C, Vdd = +7V, Idd = 1340 mA
[1]
Typical Applications
The HMC591 is ideal for use as a power amplifier for:
• Point-to-Point Radios
• Point-to-Multi-Point Radios
• Test Equipment & Sensors
• Military End-Use
• Space
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
6 - 10
6.8 - 9
GHz
Gain
20
23
20
23
dB
Gain Variation Over Temperature
0.05
0.05
dB/ °C
Input Return Loss
12
14
dB
Output Return Loss
11
10
dB
Output Power for 1 dB
Compression (P1dB)
30
33
30.5
33.5
dBm
Saturated Output Power (Psat)
33.5
34
dBm
Output Third Order Intercept (IP3)[2]
43
43
dBm
Supply Current (Idd)
1340
1340
mA
[1] Adjust Vgg between -2 to 0V to achieve Idd= 1340 mA typical.
[2] Measurement taken at 7V @ 940mA, Pin / Tone = -15 dBm
GaAs PHEMT MMIC 2 WATT
POWER AMPLIFIER, 6 - 10 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com