전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HMC591 데이터시트(PDF) 9 Page - Micross Components

부품명 HMC591
상세설명  Point-to-Multi-Point Radios
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSS [Micross Components]
홈페이지  http://www.micross.com
Logo MICROSS - Micross Components

HMC591 데이터시트(HTML) 9 Page - Micross Components

Back Button HMC591 Datasheet HTML 3Page - Micross Components HMC591 Datasheet HTML 4Page - Micross Components HMC591 Datasheet HTML 5Page - Micross Components HMC591 Datasheet HTML 6Page - Micross Components HMC591 Datasheet HTML 7Page - Micross Components HMC591 Datasheet HTML 8Page - Micross Components HMC591 Datasheet HTML 9Page - Micross Components HMC591 Datasheet HTML 10Page - Micross Components HMC591 Datasheet HTML 11Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
3
3 - 83
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pad Descriptions
Pad Number
Function
Description
Interface Schematic
1RFIN
This pad is AC coupled and
matched to 50 Ohms.
3 - 5, 7, 8
Vdd 1-5
Power Supply Voltage for the amplifier. External bypass
capacitors of 100 pF and 0.1 μF are required.
6RFOUT
This pad is AC coupled and
matched to 50 Ohms.
9Vgg
Gate control for amplifier. Adjust to achieve Idd of 1340 mA.
Please follow “MMIC Amplifier Biasing Procedure”
Application Note. External bypass capacitors of 100 pF and
0.1 μF are required.
Die Bottom
GND
Die bottom must be connected to RF/DC ground.
v02.0109
HMC591
GaAs PHEMT MMIC 2 WATT
POWER AMPLIFIER, 6 - 10 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com