전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LAN8740 데이터시트(PDF) 109 Page - Microchip Technology

부품명 LAN8740
상세설명  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8740 데이터시트(HTML) 109 Page - Microchip Technology

Back Button LAN8740 Datasheet HTML 105Page - Microchip Technology LAN8740 Datasheet HTML 106Page - Microchip Technology LAN8740 Datasheet HTML 107Page - Microchip Technology LAN8740 Datasheet HTML 108Page - Microchip Technology LAN8740 Datasheet HTML 109Page - Microchip Technology LAN8740 Datasheet HTML 110Page - Microchip Technology LAN8740 Datasheet HTML 111Page - Microchip Technology LAN8740 Datasheet HTML 112Page - Microchip Technology LAN8740 Datasheet HTML 113Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 136 page
background image
2013-2015 Microchip Technology Inc.
DS00001987A-page 109
LAN8740A/LAN8740Ai
4.3.24
TDR MATCH THRESHOLD REGISTER
Note 1: Software reset places the default values of this register into an indeterminate state. For proper operation of
the TDR, the TDR Match High Threshold and TDR Match Low Threshold must be set to 5’h12 and 5’h09,
respectively.
Index (In Decimal):
30.11
Size:
16 bits
Bits
Description
Type
Default
15:10
RESERVED
RO
-
9:5
TDR Match High Threshold
Sets the upper threshold to detect match cable.
R/W
5’h12
(see Note 1)
4:0
TDR Match Low Threshold
Sets the lower threshold to detect match cable.
R/W
5’h09
(see Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More