전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F413RHT6 데이터시트(PDF) 60 Page - STMicroelectronics

부품명 STM32F413RHT6
상세설명  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, up to 1.5MB Flash, 320KB RAM, USB OTG FS, 1 ADC, 2 DACs, 2 DFSDMs
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F413RHT6 데이터시트(HTML) 60 Page - STMicroelectronics

Back Button STM32F413RHT6 Datasheet HTML 56Page - STMicroelectronics STM32F413RHT6 Datasheet HTML 57Page - STMicroelectronics STM32F413RHT6 Datasheet HTML 58Page - STMicroelectronics STM32F413RHT6 Datasheet HTML 59Page - STMicroelectronics STM32F413RHT6 Datasheet HTML 60Page - STMicroelectronics STM32F413RHT6 Datasheet HTML 61Page - STMicroelectronics STM32F413RHT6 Datasheet HTML 62Page - STMicroelectronics STM32F413RHT6 Datasheet HTML 63Page - STMicroelectronics STM32F413RHT6 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 207 page
background image
Pinouts and pin description
STM32F413xG/H
60/207
DocID029162 Rev 2
33 45
B3
71
A12
B12 104
PA12
I/O
FT
-
TIM1_ETR,
DFSDM2_DATIN5,
SPI2_MISO,
SPI5_MISO,
USART1_RTS,
USART6_RX,
CAN1_TX, USB_FS_DP,
UART4_TX, EVENTOUT
-
34 46 C2
72
A11
A12 105
PA13
I/O
FT
-
JTMS-SWDIO,
EVENTOUT
-
-
-
C1
73
C11
G9
106
VCAP_2
S
-
-
-
-
35 47
B1
74
F11
G10 107
VSS
S
-
-
-
-
-48
-
75
G11
-
-
VDD
S
-
-
-
-
36
-
A1
-
-
F9
108
VDD
S
-
-
-
-
37 49
B2
76
A10
A11
109
PA14
I/O
FT
-
JTCK-SWCLK,
EVENTOUT
-
38 50
A3
77
A9
A10
110
PA15
I/O
FT
-
JTDI,
TIM2_CH1/TIM2_ETR,
SPI1_NSS/I2S1_WS,
SPI3_NSS/I2S3_WS,
USART1_TX,
UART7_TX,
SAI1_MCLK_A,
CAN3_TX, EVENTOUT
-
-
51
A2
78
B11
B11
111
PC10
I/O
FT
-
DFSDM2_CKIN5,
SPI3_SCK/I2S3_CK,
USART3_TX,
QUADSPI_BK1_IO1,
SDIO_D2, EVENTOUT
-
-
52 C4
79
C10
B10
112
PC11
I/O
FT
-
DFSDM2_DATIN5,
I2S3ext_SD,
SPI3_MISO,
USART3_RX,
UART4_RX,
QUADSPI_BK2_NCS,
FSMC_D2, SDIO_D3,
EVENTOUT
-
-
53
B4
80
B10
C10
113
PC12
I/O
FT
-
SPI3_MOSI/I2S3_SD,
USART3_CK,
UART5_TX, FSMC_D3,
SDIO_CK, EVENTOUT
-
Table 10. STM32F413xG/H pin definition (continued)
Pin Number
Pin name
(function
after
reset)(1)
Pin
type
I/O
structure
Notes Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More