전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LAN89730 데이터시트(PDF) 216 Page - Microchip Technology

부품명 LAN89730
상세설명  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 데이터시트(HTML) 216 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 210Page - Microchip Technology LAN89730 Datasheet HTML 211Page - Microchip Technology LAN89730 Datasheet HTML 212Page - Microchip Technology LAN89730 Datasheet HTML 213Page - Microchip Technology LAN89730 Datasheet HTML 214Page - Microchip Technology LAN89730 Datasheet HTML 215Page - Microchip Technology LAN89730 Datasheet HTML 216Page - Microchip Technology LAN89730 Datasheet HTML 217Page - Microchip Technology LAN89730 Datasheet HTML 218Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 216 / 218 page
background image
LAN89730
DS60001348A-page 216
 2013-2015 Microchip Technology Inc.
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
LAN89730
Temperature
Range:
A= -40
C to +85C (automotive, industrial)
Package:
M
= VQFN (56-pin)
Tape and Reel
Option:
Blank = Standard packaging (tray)
R
= Tape and Reel(1)
Pattern:
A
= Product version
Automotive
Option:
Blank = Commercial
V03
= Automotive
Examples:
a)
LAN89730AM-A
-40
C to +85C,
56-pin VQFN,
Tray,
A,
V03
b)
LAN89730AMR-A
-40
C to +85C,
56-pin VQFN,
Tape & Reel,
A,
V03
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This
identifier is used for ordering purposes and is
not printed on the device package. Check
with your Microchip Sales Office for package
availability with the Tape and Reel option.
Reel size is 3,000.
PART NO.
Device
[X]
Temperature
Range
X
Package
[X](1)
Tape and
Reel Option
X
Pattern
XXX
Automotive
Option
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More