| 전자부품 데이터시트 검색엔진 |
|
LAN89730 데이터시트(PDF) 195 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN89730 데이터시트(HTML) 195 Page - Microchip Technology |
|
195 / 218 page ![]() 2013-2015 Microchip Technology Inc. DS60001348A-page 195 LAN89730 7.4.1.4 SUSPEND3 - Internal Regulator Disabled 7.4.1.5 Operational - Internal Regulator Disabled TABLE 7-5: POWER CONSUMPTION/DISSIPATION - SUSPEND3 - INT. REG. DISABLED Parameter Min Typ. Max. Unit Supply current (VDD33IO, VDD33A) (Device Only) 30 mA Supply current (VDD12CORE, VDD12USBPLL, VDD12A, VDD12PLL) (Device Only) 37 mA Power Dissipation (Device Only) 145 mW Power Dissipation (Device and Ethernet components) 279 mW TABLE 7-6: OPERATIONAL POWER CONSUMPTION/DISSIPATION - INT. REG. DISABLED Parameter Min Typ. Max. Unit 100BASE-TX Full Duplex (HSIC) Supply current (VDD33IO, VDD33A) (Device Only) 32 mA Supply current (VDD12CORE, VDD12USBPLL, VDD12A, VDD12PLL) (Device Only) 42 mA Power Dissipation (Device Only) 156 mW Power Dissipation (Device and Ethernet components) 292 mW 10BASE-T Full Duplex (HSIC) Supply current (VDD33IO, VDD33A) (Device Only) 12 mA Supply current (VDD12CORE, VDD12USBPLL, VDD12A, VDD12PLL) (Device Only) 32 mA Power Dissipation (Device Only) 77 mW Power Dissipation (Device and Ethernet components) 407 mW |